Electronic Components Datasheet Search
  English  ▼

X  

ATA6629 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6629
Description  LIN Bus Transceiver with Integrated Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6629 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6629 Datasheet HTML 10Page - ATMEL Corporation ATA6629 Datasheet HTML 11Page - ATMEL Corporation ATA6629 Datasheet HTML 12Page - ATMEL Corporation ATA6629 Datasheet HTML 13Page - ATMEL Corporation ATA6629 Datasheet HTML 14Page - ATMEL Corporation ATA6629 Datasheet HTML 15Page - ATMEL Corporation ATA6629 Datasheet HTML 16Page - ATMEL Corporation ATA6629 Datasheet HTML 17Page - ATMEL Corporation ATA6629 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ATA6629/ATA6631 [DATASHEET]
9165F–AUTO–10/14
14
5.
Fail-safe Features
●
During a short-circuit at LIN to VBattery, the output limits the output current to IBUS_LIM. Due to the power dissipation, the
chip temperature exceeds TLINoff and the LIN output is switched off. The chip cools down and after a hysteresis of Thys,
switches the output on again. RXD stays on high because LIN is high. During LIN overtemperature switch-off, the VCC
regulator is working independently.
●
During a short-circuit from LIN to GND the IC can be switched into sleep or Silent mode and even in this case the
current consumption is lower than 30µA in sleep mode and lower than 70µA in silent mode. If the short-circuit
disappears, the IC starts with a remote wake-up.
●
Sleep or silent mode: During a floating condition on the bus the IC switches back to sleep mode/silent mode
automatically and thereby the current consumption is lower than 30µA/70µA.
●
The reverse current is < 2µA at pin LIN during loss of VBatt . This is optimal behavior for bus systems where some
slave nodes are supplied from battery or ignition.
●
During a short circuit at VCC, the output limits the output current to IVCClim. Because of undervoltage, NRES switches
to low and sends a reset to the microcontroller. The IC switches into fail-safe mode. If the chip temperature exceeds
the value TVCCoff, the VCC output switches off. The chip cools down and after a hysteresis of Thys, switches the output
on again. Because of fail-safe mode, the VCC voltage will switch on again although EN is switched off from the
microcontroller.The microcontroller can then start with normal operation.
●
Pin EN provides a pull-down resistor to force the transceiver into recessive mode if EN is disconnected.
●
Pin RXD is set floating if VBatt is disconnected.
●
Pin TXD provides a pull-up resistor to force the transceiver into recessive mode if TXD is disconnected.
●
After switching the IC into normal mode the TXD pin must be pulled to high longer than 10µs in order to activate the
LIN driver. This feature prevents the bus from being driven into dominant state when the IC is switched into normal
mode and TXD is low.
●
If TXD is short-circuited to GND, it is possible to switch to sleep mode via ENABLE after t > tdom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com