Electronic Components Datasheet Search
  English  ▼

X  

ATA6629 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6629
Description  LIN Bus Transceiver with Integrated Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6629 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6629 Datasheet HTML 14Page - ATMEL Corporation ATA6629 Datasheet HTML 15Page - ATMEL Corporation ATA6629 Datasheet HTML 16Page - ATMEL Corporation ATA6629 Datasheet HTML 17Page - ATMEL Corporation ATA6629 Datasheet HTML 18Page - ATMEL Corporation ATA6629 Datasheet HTML 19Page - ATMEL Corporation ATA6629 Datasheet HTML 20Page - ATMEL Corporation ATA6629 Datasheet HTML 21Page - ATMEL Corporation ATA6629 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ATA6629/ATA6631 [DATASHEET]
9165F–AUTO–10/14
18
4
EN input pin
4.1
Low level voltage input
EN
VENL
–0.3
+0.8
V
A
4.2
High level voltage input
EN
VENH
2
VCC +
0.3V
V
A
4.3
Pull-down resistor
VEN = VCC
EN
REN
50
125
200
k
Ω
A
4.4
Low level input current
VEN = 0V
EN
IEN
–3
+3
µA
A
5
NRES open drain output pin
5.1
Low level output voltage
VS ≥ 5.5V
INRES =1mA
NRES
VNRESL
0.14
V
A
5.2
Low level output low
10 k
Ω to 5V
VCC =0V
NRES
VNRESLL
0.2
V
A
5.3
Undervoltage reset time
VVS ≥ 5.5V
CNRES = 20pF
NRES
tReset
2
4
6
ms
A
5.4
Reset debounce time for
falling edge
VVS ≥ 5.5V
CNRES = 20pF
NRES
tres_f
1.5
10
µs
A
5.5
Switch off leakage
current
VNRES = 5.5V
NRES
–3
+3
µA
A
6
VCC Voltage Regulator Atmel ATA6629
6.1
Output voltage VCC
4V < VS < 18V
(0mA to 50mA)
VCC
VCCnor
3.234
3.366
V
A
4.5V < VS < 18V
(0mA to 85mA)
VCC
VCCnor
3.234
3.366
V
C
6.2
Output voltage VCC at
low VS
3V < VS < 4V
VCC
VCClow
VVS –
VDrop
3.366
V
A
6.3
Regulator drop voltage
VS > 3V, IVCC = –15mA
VCC
VD1
200
mV
A
6.4
Regulator drop voltage
VS > 3V, IVCC = –50mA
VCC
VD2
500
700
mV
A
6.5
Line regulation maximum 4V < VS < 18V
VCC
VCCline
0.1
0.2
%
A
6.6
Load regulation
maximum
5 mA < IVCC < 50mA
VCC
VCCload
0.1
0.5
%
A
6.7
Power supply ripple
rejection
10 Hz to 100kHz
CVCC = 10µF
VS = 14V, IVCC = –15mA
50
dB
D
6.8
Output current limitation VS > 4V
VCC
IVCCs
–240
–160
–85
mA
A
6.9
External load capacity
0.2
Ω < ESR < 5Ω at
100kHz
for phase margin ≥ 60°
VCC
Cload
1.8
10
µF
D
ESR < 0.2
Ω at 100kHz
for phase margin ≥ 30°
6.10
VCC undervoltage
threshold
Referred to VCC
VS > 4V
VCC
VthunN
2.8
3.2
V
A
6.11
Hysteresis of
undervoltage threshold
Referred to VCC
VS > 4V
VCC
Vhysthun
150
mV
A
6.12
Ramp up time VS > 4V to
VCC = 3.3V
CVCC = 2.2µF
Iload = –5mA at VCC
VCC
tVCC
320
500
µs
A
9.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tj < 150°C; unless otherwise specified all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com