Electronic Components Datasheet Search
  English  ▼

X  

MSA-2011 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # MSA-2011
Description  Silicon Bipolar RFIC Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-2011 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  MSA-2011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-474
Typical Scattering Parameters at TA = 25°C, for MSA-2011
ID = 32 mA, Zo = 50 Ω
S11
S21
S12
S22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Mag.
Ang.
Mag.
Ang.
0.1
0.05
7
18.9
8.81
172
-22.6
0.074
4
0.17
-13
0.2
0.05
9
18.8
8.73
165
-22.4
0.076
8
0.17
-23
0.3
0.06
3
18.6
8.52
157
-22.2
0.077
11
0.17
-34
0.4
0.06
1
18.3
8.25
150
-22.0
0.079
15
0.17
-43
0.5
0.06
0
18.1
8.00
143
-21.7
0.082
17
0.17
-52
0.6
0.07
-5
17.7
7.65
137
-21.4
0.085
20
0.17
-61
0.7
0.07
-8
17.3
7.33
131
-21.1
0.088
22
0.17
-68
0.8
0.08
-12
16.9
7.02
125
-20.7
0.092
24
0.17
-74
0.9
0.08
-18
16.3
6.70
120
-20.3
0.096
26
0.18
-80
1.0
0.08
-22
16.2
6.43
115
-20.0
0.100
28
0.18
-85
1.5
0.09
-46
14.3
5.16
93
-18.2
0.123
31
0.18
-102
2.0
0.11
-69
12.6
4.26
75
-16.7
0.146
31
0.17
-109
2.5
0.11
-93
11.2
3.64
59
-15.6
0.167
29
0.17
-111
3.0
0.12
-118
10.1
3.18
45
-14.7
0.185
26
0.18
-112
3.5
0.12
-152
9.1
2.85
31
-13.9
0.202
24
0.19
-116
4.0
0.15
174
8.1
2.55
18
-13.3
0.216
21
0.20
-124
4.5
0.22
147
7.4
2.33
5
-12.8
0.231
19
0.22
-133
5.0
0.30
127
6.5
2.11
-8
-12.2
0.246
17
0.25
-145
5.5
0.39
113
5.6
1.90
-20
-11.4
0.268
14
0.30
-157
6.0
0.45
100
4.5
1.68
-32
-10.7
0.292
10
0.35
-168
Typical Scattering Parameters at TA = 25°C, for MSA-2035
ID = 32 mA, Zo = 50 Ω
S11
S21
S12
S22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Mag.
Ang.
Mag.
Ang.
0.1
0.05
-2
19.2
9.13
174
-22.8
0.072
3
0.18
-11
0.2
0.06
-3
19.1
9.05
167
-22.7
0.073
6
0.18
-20
0.3
0.06
-7
19.0
8.94
160
-22.6
0.075
9
0.18
-29
0.4
0.06
-10
18.9
8.77
154
-22.4
0.076
11
0.18
-38
0.5
0.06
-14
18.7
8.58
147
-22.2
0.078
14
0.18
-47
0.6
0.07
-22
18.4
8.35
141
-21.9
0.080
16
0.17
-55
0.7
0.07
-27
18.2
8.10
135
-21.6
0.083
17
0.17
-63
0.8
0.07
-32
17.9
7.86
130
-21.3
0.086
19
0.17
-71
0.9
0.07
-37
17.6
7.59
124
-21.0
0.089
20
0.17
-79
1.0
0.07
-42
17.3
7.33
119
-20.7
0.092
22
0.16
-86
1.5
0.08
-74
15.7
6.11
96
-19.1
0.111
24
0.16
-117
2.0
0.09
-108
14.2
5.15
76
-17.8
0.130
23
0.16
-140
2.5
0.12
-136
12.9
4.42
59
-16.6
0.148
20
0.15
-155
3.0
0.15
-162
11.7
3.86
43
-15.7
0.164
16
0.15
-169
3.5
0.19
176
10.7
3.41
27
-15.1
0.176
11
0.16
-178
4.0
0.25
158
9.7
3.04
12
-14.6
0.187
7
0.17
177
4.5
0.30
141
8.7
2.71
-1
-14.1
0.196
3
0.19
171
5.0
0.37
126
7.8
2.44
-16
-13.8
0.204
-1
0.22
161
5.5
0.43
112
6.8
2.17
-29
-13.5
0.212
-5
0.29
154
6.0
0.49
100
5.7
1.92
-42
-13.1
0.222
-9
0.35
148
Frequency
Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com