Electronic Components Datasheet Search
  English  ▼

X  

MSA-2011 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # MSA-2011
Description  Silicon Bipolar RFIC Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-2011 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  MSA-2011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-470
Silicon Bipolar RFIC Amplifiers
Technical Data
Features
MSA-2011
• Surface Mount SOT-143
Package
• 3 dB Bandwidth:
DC to 1.0 GHz
• 16.2 dB Gain at 1 GHz
• 4.3 dB NF at 1 GHz
MSA-2035
• Hermetic Ceramic Package
• 3 dB Bandwidth:
DC to 1.1 GHz
• 17.3 dB Gain at 1 GHz
• 3.7 dB NF at 1 GHz
MSA-2085
• Plastic Microstrip Package
• 3 dB Bandwidth:
DC to 1.1 GHz
• 16.6 dB Gain at 1 GHz
• 3.7 dB NF at 1 GHz
MSA-2086
• Surface Mount Plastic
Microstrip Package
• 3 dB Bandwidth:
DC to 1.1 GHz
• 16.6 dB Gain at 1 GHz
• 3.7 dB NF at 1 GHz
MSA-20XX Series
Description
The MSA-20XX series are high
performance silicon bipolar RFIC
amplifiers designed to be
cascadable in 50
Ω systems. The
stability factor of K > 1 contributes
to easy cascading in numerous
narrow and broadband IF and RF
commercial and industrial
applications.
The MSA series is fabricated using
a 10 GHz fT, 25 GHz FMAX, silicon
bipolar RFIC process which
utilizes nitride self-alignment, ion
implantation, and gold
metallization to achieve excellent
uniformity, performance, and
reliability. The use of an external
bias resistor for temperature and
current stability also allows bias
flexibility.
Package options include the
industry standard plastic surface
mount SOT-143 package, the
100 mil surface mountable
hermetic ceramic package, the
85 mil plastic microstripline
package, and the 85 mil surface
mountable plastic microstripline
package.
MSA-2011
MSA-2035
MSA-2085
MSA-2086
5965-9560E


Similar Part No. - MSA-2011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-BLK AVAGO-MSA-2011-BLK Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-BLKG AVAGO-MSA-2011-BLKG Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-TR1 AVAGO-MSA-2011-TR1 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-TR1G AVAGO-MSA-2011-TR1G Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
More results

Similar Description - MSA-2011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
Silicon Bipolar RFIC 900 MHz Driver Amplifier
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com