Electronic Components Datasheet Search
  English  ▼

X  

MSA-2011 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # MSA-2011
Description  Silicon Bipolar RFIC Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-2011 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  MSA-2011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6-476
Typical Scattering Parameters at TA = 25°C, for MSA-2086
ID = 32 mA, Zo = 50 Ω
S11
S21
S12
S22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Mag.
Ang.
Mag.
Ang.
0.1
0.06
1
19.2
9.08
172
-22.8
0.073
4
0.18
-15
0.2
0.05
-5
19.1
8.98
165
-22.6
0.074
7
0.17
-26
0.3
0.05
-10
18.9
8.80
157
-22.4
0.076
10
0.17
-37
0.4
0.07
-15
18.7
8.57
150
-22.2
0.078
13
0.19
-45
0.5
0.09
-18
18.4
8.29
143
-21.9
0.081
15
0.19
-53
0.6
0.09
-22
18.1
7.99
136
-21.6
0.084
18
0.20
-62
0.7
0.08
-23
17.7
7.66
130
-21.2
0.087
20
0.20
-71
0.8
0.08
-31
17.4
7.37
124
-20.8
0.091
21
0.20
-80
0.9
0.08
-34
17.0
7.07
118
-20.5
0.095
23
0.20
-87
1.0
0.08
-44
16.6
6.78
112
-20.1
0.099
23
0.19
-94
1.5
0.07
-71
14.8
5.49
88
-18.2
0.123
24
0.19
-125
2.0
0.06
-99
13.3
4.60
68
-16.7
0.146
22
0.17
-145
2.5
0.07
-176
11.9
3.93
50
-15.5
0.167
17
0.18
-174
3.0
0.14
151
10.7
3.42
31
-14.7
0.185
10
0.20
172
3.5
0.20
125
9.5
2.98
15
-14.2
0.196
3
0.24
153
4.0
0.29
106
8.3
2.61
-1
-13.8
0.204
-3
0.28
139
4.5
0.39
96
7.3
2.31
-15
-13.6
0.210
-8
0.32
129
5.0
0.51
90
6.3
2.08
-29
-13.3
0.217
-12
0.36
124
5.5
0.62
83
5.4
1.85
-43
-13.0
0.225
-16
0.40
119
6.0
0.69
75
4.3
1.64
-58
-12.7
0.233
-22
0.47
113
Typical Scattering Parameters at TA = 25°C, for MSA-2085
ID = 32 mA, Zo = 50 Ω
S11
S21
S12
S22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Mag.
Ang.
Mag.
Ang.
0.1
0.05
4
19.2
9.11
173
-22.7
0.073
4
0.18
-14
0.2
0.05
-6
19.1
9.00
166
-22.6
0.075
8
0.18
-27
0.3
0.05
-14
18.9
8.79
159
-22.4
0.076
11
0.18
-38
0.4
0.07
-13
18.6
8.53
152
-22.2
0.078
14
0.19
-45
0.5
0.09
-17
18.3
8.26
146
-21.9
0.080
17
0.20
-51
0.6
0.08
-33
18.0
7.98
140
-21.6
0.083
19
0.21
-59
0.7
0.09
-44
17.7
7.71
135
-21.3
0.086
22
0.22
-68
0.8
0.09
-47
17.4
7.41
130
-20.9
0.090
24
0.22
-77
0.9
0.09
-54
17.0
7.06
125
-20.5
0.094
26
0.22
-85
1.0
0.10
-60
16.6
6.77
120
-20.2
0.098
27
0.22
-90
1.5
0.10
-78
14.9
5.58
99
-18.5
0.119
31
0.23
-116
2.0
0.13
-96
13.4
4.67
82
-17.1
0.140
31
0.21
-126
2.5
0.13
-113
12.0
3.97
67
-16.0
0.159
30
0.20
-137
3.0
0.14
-129
10.8
3.48
54
-15.0
0.177
27
0.20
-140
3.5
0.15
-153
9.8
3.10
41
-14.4
0.192
24
0.21
-143
4.0
0.18
-177
8.9
2.77
29
-13.9
0.202
22
0.22
-148
4.5
0.22
163
7.9
2.49
17
-13.5
0.212
19
0.24
-151
5.0
0.27
147
7.0
2.24
6
-13.2
0.218
17
0.28
-154
5.5
0.32
134
6.1
2.02
-5
-12.9
0.225
15
0.31
-159
6.0
0.37
123
5.2
1.82
-15
-12.6
0.235
14
0.35
-164
Frequency
Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com