Electronic Components Datasheet Search
  English  ▼

X  

MSA-2011 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # MSA-2011
Description  Silicon Bipolar RFIC Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-2011 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  MSA-2011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
6-477
Tape and Reel Part Number Ordering Information
Part Number
Devices per Reel
Reel Size
MSA-2011-TR1
3000
7"
MSA-2086-TR1
1000
7"
Outline Drawings
SOT-143
85
35
86
13
4
2
GROUND
DIA.
GROUND
RF OUTPUT
AND BIAS
RF INPUT
.085
2.15
.083
2.11
.020
.508
.100
2.54
.455
± .030
11.54
± .75
.006
± .002
.15
± .05
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
.022
.56
.057
± .010
1.45
± .25
1
3
4
2
5
° TYP.
45
°
GROUND
GROUND
RF OUTPUT
AND BIAS
RF INPUT
.085
2.15
.286
± .030
7.36
± .76
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
.020
.51
.07
0.43
.060
± .010
1.52
± .25
.006
± .002
.15
± .05
0.143
± 0.015
3.63
± 0.38
4
0.51
± 0.13
(0.020
± 0.005)
2.34
± 0.38
(0.092
± 0.015)
2.67
± 0.38
(0.105
± 0.15)
1
3
2
2.16
± 0.13
(0.085
± 0.005)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.52
± 0.25
(0.060
± 0.010)
0.66
± 0.013
(0.026
± 0.005)
0.203
± 0.051
(0.006
± 0.002)
0.30 MIN
(0.012 MIN)
C
L
45
°
5
° TYP.
8
° MAX
0
° MIN
GROUND
RF INPUT
RF OUTPUT
AND DC BIAS
GROUND
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.10 (0.004)
0.013 (0.0005)
0.92 (0.036)
0.78 (0.031)
GROUND
RF INPUT
RF OUTPUT AND BIAS
XXX
PACKAGE
MARKING
CODE
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.54 (0.021)
0.37 (0.015)
0.60 (0.024)
0.45 (0.018)
2.04 (0.080)
1.78 (0.070)
3.06 (0.120)
2.80 (0.110)
0.15 (0.006)
0.09 (0.003)
1.02 (0.041)
0.85 (0.033)
0.69 (0.027)
0.45 (0.018)
GROUND
A31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com