Electronic Components Datasheet Search
  English  ▼

X  

PS9634 Datasheet(PDF) 4 Page - NEC

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9634 Datasheet(HTML) 4 Page - NEC

  PS9634 Datasheet HTML 1Page - NEC PS9634 Datasheet HTML 2Page - NEC PS9634 Datasheet HTML 3Page - NEC PS9634 Datasheet HTML 4Page - NEC PS9634 Datasheet HTML 5Page - NEC PS9634 Datasheet HTML 6Page - NEC PS9634 Datasheet HTML 7Page - NEC PS9634 Datasheet HTML 8Page - NEC PS9634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS9634,PS9634L
ELECTRICAL CHARACTERISTICS (TA =
−−−−20 to +80 °°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Fig.
Diode
Forward Voltage
VF
IF = 5 mA, TA = 25
°C1.1
1.4
V
Reverse Current
IR
VR = 5 V, TA = 25
°C5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz, TA = 25
°C30
pF
Detector
Supply Voltage
VCC
5.4
15
V
Low Level Output Voltage
(O1)
VO1L
VCC = 6 V, IO1 = 0.4 A, RL2 = 10
Ω,
IF = 5 mA
0.25
0.40
V
1
High Level Output Voltage
(O2)
VO2H
VCC = 6 V, IO2 =
−0.4 A, IF = 5 mA
4.5
5.0
V
2
Low Level Output Voltage
(O2)
VO2L
VCC = 6 V, IO2 = 0.5 A, IF = 0 mA
0.25
0.40
V
Leakage Current (O1)
IO1L
VCC = 13 V, IF = 0 mA
100
µA3
Leakage Current (O2)
IO2L
VCC = 13 V, IF = 5 mA
100
µA4
High Level Supply Current
ICCH
TA = 25
°C8
12
mA
VCC = 6 V, IF = 5 mA
16
Low Level Supply Current
ICCL
TA = 25
°C15
18
mA
VCC = 6 V, IF = 0 mA
22
Coupled
Input On Current (L
→ H)
IFLH
TA = 25
°C
0.3
1.5
3.0
mA
5
VCC = 6 V, RL1 = 5
Ω, RL2 = 10 Ω
0.2
5.0
Isolation Resistance
RI-O
RH = 40 to 60 %, TA = 25
°C1011
Ω
Propagation Delay Time
(L
→ H)
tPLH
VCC = 6 V, IF = 5 mA, TA = 25
°C
RL1 = 5
Ω, RL2 = 10 Ω
35
µs6
Propagation Delay Time
(H
→ L)
tPHL
Instantaneous Common
Mode Rejection Voltage
(Output: High)
CMH
TA = 25
°C, VCM = 600 V (peak),
IF = 5 mA, RL1 = 470
Ω, RL2 = 1 kΩ,
∆V02H = 2 V
−1 000
V/
µs7
Instantaneous Common
Mode Rejection Voltage
(Output: Low)
CML
TA = 25
°C, VCM = 600 V (peak),
IF = 0 mA, RL1 = 470
Ω, RL2 = 1 kΩ,
∆V02L = 0.5 V
1 000
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com