Electronic Components Datasheet Search
  English  ▼

X  

PS9634 Datasheet(PDF) 1 Page - NEC

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9634 Datasheet(HTML) 1 Page - NEC

  PS9634 Datasheet HTML 1Page - NEC PS9634 Datasheet HTML 2Page - NEC PS9634 Datasheet HTML 3Page - NEC PS9634 Datasheet HTML 4Page - NEC PS9634 Datasheet HTML 5Page - NEC PS9634 Datasheet HTML 6Page - NEC PS9634 Datasheet HTML 7Page - NEC PS9634 Datasheet HTML 8Page - NEC PS9634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P12686EJ4V0DS00 (4th edition)
Date Published February 1998 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS9634,PS9634L
POWER TRANSISTOR DRIVING
BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
©
1992
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The PS9634 and PS9634L are optical linkage devices mounting a GaAs infrared ray LED on the light emitting side
(input side) and a photo diode and a signal processing circuit on the light receiving side (output side) on one chip.
They can directly drive a power transistor of 15 to 20 A class used for such as an inverter control air conditioner or
general purpose inverter.
The PS9634L has a surface mount type lead.
FEATURES
• High instantaneous common mode rejection voltage (CMH = –1 000 V/
µs MIN., CML = 1 000 V/µs MIN.)
• High supply voltage (VCC = 18 V)
• High-speed response (tPHL, tPLH = 5
µs MAX.)
• High output current (IO1 = 0.5 A (DC), IO1P = 1.0 A (pulse) )
• Taping product name (PS9634L-E3, E4)
APPLICATIONS
• Inverter control air conditioner
• General purpose inverter


Similar Part No. - PS9634

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9634 CEL-PS9634 Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
PS9634L CEL-PS9634L Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
More results

Similar Description - PS9634

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC866 SHARP-PC866 Datasheet
94Kb / 5P
Low Driving Current Type Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PC929 SHARP-PC929 Datasheet
95Kb / 6P
Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
logo
Fuji Electric
EXB356 FUJI-EXB356 Datasheet
54Kb / 3P
HYBRID ICS FOR BASE DRIVING OF POWER TRANSISTOR MODULE
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
KA4A3Q NEC-KA4A3Q Datasheet
373Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
California Eastern Labs
PS9634 CEL-PS9634 Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com