Electronic Components Datasheet Search
  English  ▼

X  

PS9634 Datasheet(PDF) 8 Page - NEC

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9634 Datasheet(HTML) 8 Page - NEC

Back Button PS9634 Datasheet HTML 4Page - NEC PS9634 Datasheet HTML 5Page - NEC PS9634 Datasheet HTML 6Page - NEC PS9634 Datasheet HTML 7Page - NEC PS9634 Datasheet HTML 8Page - NEC PS9634 Datasheet HTML 9Page - NEC PS9634 Datasheet HTML 10Page - NEC PS9634 Datasheet HTML 11Page - NEC PS9634 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PS9634,PS9634L
HIGH LEVEL OUTPUT VOLTAGE (O2)
vs. OUTPUT CURRENT (O2)
Output Current (O2) IO2 (A)
5.5
5.0
4.5
4.0
–0.1
–0.4
–0.6
0.0
–0.2
–0.3
–0.5
VCC = 6 V
HIGH LEVEL OUTPUT VOLTAGE (O2)
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
5.3
5.0
4.5
5.2
5.1
4.9
4.8
4.7
4.6
–20
40
80
020
60
VCC = 6 V
IO2 = –0.1
A
–0.4 A
–0.6A
VCC = 6 V, IF = 5 mA,
RL1 = 5
Ω, RL2 = 10 Ω
tPHL
tPLH
5.0
4.0
3.0
2.0
4.5
3.5
2.5
080
–20
20
40
60
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
*1 One pulse
*2 On the epoxy board
SAFE OPERATING AREA (Tr.1)
Output Voltage (O2) VO2 (V)
10
2
0.1
5
1
0.5
0.2
15
30
0.3
2
3
10
0.5
20
IO2 MAX. (DC)
IO2 MAX. (Pulse)
DC
(T
A
=
80
˚C)
*2
DC
*2
1 s
*1
100
ms
*1
10
ms
*1
1 ms
*1
5
4
3
2
520
30
010
15
25
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Forward Current IF (mA)
VCC = 6 V,
RL1 = 5
Ω,
RL2 = 10
Ω
TA = +80 ˚C
+25 ˚C
–20 ˚C
tPLH
tPHL
Remark The measurement of TYPICAL CHARACTERISTICS are only for reference, not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com