Electronic Components Datasheet Search
  English  ▼

X  

PS9634 Datasheet(PDF) 7 Page - NEC

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9634 Datasheet(HTML) 7 Page - NEC

Back Button PS9634 Datasheet HTML 3Page - NEC PS9634 Datasheet HTML 4Page - NEC PS9634 Datasheet HTML 5Page - NEC PS9634 Datasheet HTML 6Page - NEC PS9634 Datasheet HTML 7Page - NEC PS9634 Datasheet HTML 8Page - NEC PS9634 Datasheet HTML 9Page - NEC PS9634 Datasheet HTML 10Page - NEC PS9634 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS9634,PS9634L
HIGH LEVEL SUPPLY CURRENT vs.
SUPPLY VOLTAGE
Supply Voltage VCC (V)
15
10
5
0
810
14
18
46
12
16
TA = –20
˚C
+25 ˚C
+80 ˚C
LOW LEVEL SUPPLY CURRENT vs.
SUPPLY VOLTAGE
Supply Voltege VCC (V)
22.5
20.0
15.0
12.5
7.5
17.5
10.0
412
16
18
6
8
10
14
TA = –20
˚C
+25 ˚C
+80 ˚C
LOW LEVEL OUTPUT VOLTAGE (O1)
vs. OUTPUT CURRENT (O1)
Output Current (O1) IO1 (A)
10
0
10
–1
10
–2
10
–3
10
–2
10
–1
10
0
VCC = 6 V
LOW LEVEL OUTPUT VOLTAGE (O1)
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
0.35
0.25
0.15
0.05
0.00
0.30
0.20
0.10
020
60
80
–20
40
VCC = 6 V
IO1 = 0.5 A
0.1 A
0.3 A
LOW LEVEL OUTPUT VOLTAGE (O2)
vs. OUTPUT CURRENT (O2)
Output Current (O2) IO2 (A)
10
0
10
–1
10
–2
10
–3
10
–2
10
–1
10
0
VCC = 6 V
LOW LEVEL OUTPUT VOLTAGE (O2)
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
0.5
0.4
0.2
0.1
0.0
0.3
040
60
80
–20
20
VCC = 6 V
0.4 A
0.1 A
IO2 = 0.6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com