Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 141 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 141 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 137Page - Hynix Semiconductor GMS30004 Datasheet HTML 138Page - Hynix Semiconductor GMS30004 Datasheet HTML 139Page - Hynix Semiconductor GMS30004 Datasheet HTML 140Page - Hynix Semiconductor GMS30004 Datasheet HTML 141Page - Hynix Semiconductor GMS30004 Datasheet HTML 142Page - Hynix Semiconductor GMS30004 Datasheet HTML 143Page - Hynix Semiconductor GMS30004 Datasheet HTML 144Page - Hynix Semiconductor GMS30004 Datasheet HTML 145Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 158 page
background image
E - 5
3. Pin Description
Pin No.
Pin
Funcrion
Remark
1
RESET
Reset by input of
ÌLÌ
2
GND
Reference voltage for all inputs & outputs 0V
3
4
5
R2
Key Input No. 6 pin
6
R3
Key Input No. 7 pin
7
K0
Key Input No. 0 pin
8
K1
Key Input No. 1 pin
9
K2
Key Input No. 2 pin
10
K3
Key Input No. 3 pin
11
D0
Key Scan Signal No. 0 pin
12
D8
Key Scan Signal No. 1 pin
13
D9
Key Scan Signal No. 2 pin
14
D1
Key Scan Signal No. 3 pin
15
R0
Key Input No. 4 pin
16
R1
Key Input No. 5 pin
17
D4
Key Scan Signal No. 6 pin
18
D5
Key Scan Signal No. 7 pin
19
D6
Key Scan Signal No. 8 pin
20
D7
Key Scan Signal No. 9 pin
21
REMOUT
Out of Transmission pin
22
OSC2
Connect Resonator between OSC1 & OSC2
D2
Key Scan Signal No. 4 pin
D3
Key Scan Signal No. 5 pin
23
OSC1
Connect Resonator between OSC1 & OSC2
24
V
DD
Connect 3V power source
Appendix E Magic-
ë
ëa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com