Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 144 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 144 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 140Page - Hynix Semiconductor GMS30004 Datasheet HTML 141Page - Hynix Semiconductor GMS30004 Datasheet HTML 142Page - Hynix Semiconductor GMS30004 Datasheet HTML 143Page - Hynix Semiconductor GMS30004 Datasheet HTML 144Page - Hynix Semiconductor GMS30004 Datasheet HTML 145Page - Hynix Semiconductor GMS30004 Datasheet HTML 146Page - Hynix Semiconductor GMS30004 Datasheet HTML 147Page - Hynix Semiconductor GMS30004 Datasheet HTML 148Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 158 page
background image
F - 1
Appendix F Magic-
ë
ëb
Software Spec Sheet
•
Product
•
Type
•
Purpose
•
Function
•
Features
• Program memory (On-chip ROM) : 1024 bytes
• Data memory (On-chip RAM) : 32
Ø 4 bits
• 43 types of instruction sets
• 3 levels of subroutine nesting
• 1 bit output port for a large current (Output signal)
• Operating frequency : 300KHz to 1MHz
• Instruction cycle : 13.1868
¶ (fosc=455KHz)
• CMOS process (Single 3V power supply)
• Stand-by function (Through internal instruction)
• Released stand-by mode by key input (Masked option)
• Built in capacitor for ceramic oscillation circuit (Masked option)
• Built in a watch dog timer (WDT)
• 3 kind of double action key
4 bit 1 chip microcomputer
Magic-
ëb
Infrared remote control encoder
8
Ø8 key matrix scan
Appendix F Magic-
ë
ëb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com