Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 145 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 145 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 141Page - Hynix Semiconductor GMS30004 Datasheet HTML 142Page - Hynix Semiconductor GMS30004 Datasheet HTML 143Page - Hynix Semiconductor GMS30004 Datasheet HTML 144Page - Hynix Semiconductor GMS30004 Datasheet HTML 145Page - Hynix Semiconductor GMS30004 Datasheet HTML 146Page - Hynix Semiconductor GMS30004 Datasheet HTML 147Page - Hynix Semiconductor GMS30004 Datasheet HTML 148Page - Hynix Semiconductor GMS30004 Datasheet HTML 149Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 158 page
background image
F - 2
1. Function
1) Stand-by
Oscillation is stop
Output of D0~D5, D8, D9 is
ÌLÌ, Output of D6~D7 is ÌHÌ
2) Condition of stand-by mode
After reset
When scan strobe output is over, there is not any key input.
3) Release of stand-by mode
One of the key scan input (K0~K3, R0~R3) is change to
ÌLÌ level
2. Key Input
1) Key-data mapping table
Output pin
Input pin
K0
K1
K2
K3
R0
R1
R2
R3
1
2
3
4
5
6
7
8
D0
9
10
11
12
13
14
15
16
D8
17
18
19
20
21
22
23
24
D9
25
26
27
28
29
30
31
32
D1
2) Double action key
Combi of Key
Key Data
35h
K21 + K22
36h
K21 + K23
37h
K21 + K24
33
34
35
36
37
38
39
40
D2
41
42
43
44
45
46
47
48
D3
49
50
51
52
53
54
55
56
D4
57
58
59
60
61
62
63
64
D5
Appendix F Magic-
ë
ëb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com