Electronic Components Datasheet Search
  English  ▼

X  

GMS34004 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS34004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS34004 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS34004 Datasheet HTML 37Page - Hynix Semiconductor GMS34004 Datasheet HTML 38Page - Hynix Semiconductor GMS34004 Datasheet HTML 39Page - Hynix Semiconductor GMS34004 Datasheet HTML 40Page - Hynix Semiconductor GMS34004 Datasheet HTML 41Page - Hynix Semiconductor GMS34004 Datasheet HTML 42Page - Hynix Semiconductor GMS34004 Datasheet HTML 43Page - Hynix Semiconductor GMS34004 Datasheet HTML 44Page - Hynix Semiconductor GMS34004 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
3 - 14
(26) DY
Naming :
Decrement Y-Register and Status 1 on Not Borrow
Status :
Carry to status
Format :
¥°
Function :
Y ¡ç Y -1
ST ¡ç 1 (when Y ¡Ã 1)
ST ¡ç 0 (when Y = 0)
<Purpose>
Data of the Y-register is decremented by one.
<Comment>
Data of the Y-register is decremented by one by addition of
minus 1 (Fh).
Carry data as results is transferred to the status. When the
results is equal to 15, the status is set to indicate that no
borrow has not occurred.
(27) EORM
Naming :
Exclusive or Memory and Accumulator
Status :
Set
Format :
¥°
Function :
A ¡ç M(X,Y) + A
<Comment>
Data of the accumulator is, through a Exclusive OR,
subtracted from the memory word addressed by X and Y-
register. Results are stored into the accumulator.
(28) NEGA
Naming :
Negate Accumulator and Status 1 on Zero
Status :
Carry to status
Format :
¥°
Function :
A ¡ç A + 1
ST ¡ç 1(when A = 0)
ST ¡ç 0 (when A != 0)
<Purpose>
The 2`s complement of a word in the accumulator is obtained.
<Comment>
The 2`s complement in the accumulator is calculated by adding
one to the 1`s complement in the accumulator. Results are
stored into the accumulator. Carry data is transferred to the
status. When data of the accumulator is zero, a carry is
caused to set the status to ¡È1¡È.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com