Electronic Components Datasheet Search
  English  ▼

X  

GMS34004 Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # GMS34004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS34004 Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button GMS34004 Datasheet HTML 63Page - Hynix Semiconductor GMS34004 Datasheet HTML 64Page - Hynix Semiconductor GMS34004 Datasheet HTML 65Page - Hynix Semiconductor GMS34004 Datasheet HTML 66Page - Hynix Semiconductor GMS34004 Datasheet HTML 67Page - Hynix Semiconductor GMS34004 Datasheet HTML 68Page - Hynix Semiconductor GMS34004 Datasheet HTML 69Page - Hynix Semiconductor GMS34004 Datasheet HTML 70Page - Hynix Semiconductor GMS34004 Datasheet HTML 71Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
5 - 13
5.2 File Store
When the specific part of source program is changed under the simulator
environment by calling the working file, the corresponding Hexa file needs to
be stored. Use one of the following two methods.
First, when executing the pop-up command Save RHX (Hot key is [F3]), the
following small window is open at the center of screen waiting for user to input
the Hexa filename. The filename called by file load command by default is
displayed. When the filename is not changed, hit just the [Enter] key. When
user wants to change the filename to store, input the filename to change.
*
File
Name
*
A : \TEST.RHX
Second, store the processed Hexa file using > WP [filename] from command
window with In-line command.
Here when the same filename to store already exists in the disk,
ÌFile
Already Exist
Ì message comes up asking user by [YES/NO] if user overwrite
or not.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com