Electronic Components Datasheet Search
  English  ▼

X  

GMS34004 Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # GMS34004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS34004 Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button GMS34004 Datasheet HTML 59Page - Hynix Semiconductor GMS34004 Datasheet HTML 60Page - Hynix Semiconductor GMS34004 Datasheet HTML 61Page - Hynix Semiconductor GMS34004 Datasheet HTML 62Page - Hynix Semiconductor GMS34004 Datasheet HTML 63Page - Hynix Semiconductor GMS34004 Datasheet HTML 64Page - Hynix Semiconductor GMS34004 Datasheet HTML 65Page - Hynix Semiconductor GMS34004 Datasheet HTML 66Page - Hynix Semiconductor GMS34004 Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
5 - 9
4.4 Option Menu
To execute each command, select [ALT]-[O] key and press the highlighted
character in each command line. Or select the menu and press the [Enter]
key.
MCU Select
: Select according to the kind of micom. Able to select on of
GMS30004, 30012, 30112, 30120 or 30140 among GMS300
series. Once the command is executed, the window
indicating the characteristics of each micom is open. Press
Left, Right, Up Down key to select the micom to work.
Setup
: Set the execution mode of selected micom. It has the same
function as > SET command of In-line command. Once the
function is executed, a small <Setup> window is open.
Position the cursor in either of I/O Input and Output mode,
Symbol, Execution Mode of Watch Dog Timer with the item to
change. Assign the corresponding execution mode with Left,
Right arrow key.
Execution Mode to be Assigned in <Setup>
I/O Input [pi]
= [0] Port Input from I/O register
[1] Port input from keyboard
[2] Port input from file (PORTIN.DAT)
I/O Output
= [0] No display
[1] Display
[2] Display & Break
Symbol
= [0] Search
[1] Unsearch
Watch Dog Timer = [0] OFF
[1] ON (No option)
[2] ON (Option)
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com