Electronic Components Datasheet Search
  English  ▼

X  

GMS36112 Datasheet(PDF) 88 Page - Hynix Semiconductor

Part # GMS36112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36112 Datasheet(HTML) 88 Page - Hynix Semiconductor

Back Button GMS36112 Datasheet HTML 84Page - Hynix Semiconductor GMS36112 Datasheet HTML 85Page - Hynix Semiconductor GMS36112 Datasheet HTML 86Page - Hynix Semiconductor GMS36112 Datasheet HTML 87Page - Hynix Semiconductor GMS36112 Datasheet HTML 88Page - Hynix Semiconductor GMS36112 Datasheet HTML 89Page - Hynix Semiconductor GMS36112 Datasheet HTML 90Page - Hynix Semiconductor GMS36112 Datasheet HTML 91Page - Hynix Semiconductor GMS36112 Datasheet HTML 92Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
8-3
STOP Operation
Stop mode can be achieved by STOP instructions.
In stop mode :
1. Oscillator is stopped, the operating current is low.
2. Watch dog timer is reset, D0~D3 output is "L"and REMOUT output is ”L"
3. Part other than WDT, D0~D3 output and REMOUT output have a value before
come into stop mode.
Stop mode is released when one of K or R input is going to "L".
1. State of D0~D3 output and REMOUT output is return to state of before stop mode
is achieved.
2. After 210
ØSystem clock time for stable oscillating, first instruction start to operate.
3. In return to normal operation, WDT is counted from zero again.
But, at executing stop instruction, if one of K or R input is chosen to "L", stop instruction
is same to NOP instruction.
Chapter 8. GMS37XXXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com