Electronic Components Datasheet Search
  English  ▼

X  

GMS36112 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS36112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36112 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS36112 Datasheet HTML 2Page - Hynix Semiconductor GMS36112 Datasheet HTML 3Page - Hynix Semiconductor GMS36112 Datasheet HTML 4Page - Hynix Semiconductor GMS36112 Datasheet HTML 5Page - Hynix Semiconductor GMS36112 Datasheet HTML 6Page - Hynix Semiconductor GMS36112 Datasheet HTML 7Page - Hynix Semiconductor GMS36112 Datasheet HTML 8Page - Hynix Semiconductor GMS36112 Datasheet HTML 9Page - Hynix Semiconductor GMS36112 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
1-1
1. GMS36XXX
Description
The GMS36XXX series are remote control transmitter which uses CMOS technology.
This enables transmission code outputs of different configurations, multiple custom code
output, and double push key output for easy fabrication.
The GMS36XXX series are suitable for remote control of TV, VCR, FANS, Air-
conditioners, Audio Equipment, Toys, Games etc.
Features
• Program memory
: 1,024 bytes for GMS36004/112/140
• Data memory : 32 Ø 4 bits
• 43 types of instruction set
• 3 levels of subroutine nesting
• Operating frequency : 300kHz ~ 1MHz at kHz version
2.4MHz ~ 4MHz at MHz version
• Instruction cycle :
f
OSC/6 at kHz version
f
OSC/48 at MHz version
• CMOS process (Single 3.0V power supply)
• Stop mode (Through internal instruction)
• Released stop mode by key input (Masked option)
• Built in Power-on Reset circuit
• Built in Low Voltage Detection circuit
• Built in capacitor for ceramic oscillation circuit at kHZ version
• Built in a watch dog timer (WDT)
• Built in transistor for I.R LED Drive : I
OL =210mA at VDD =3V and VO =0.3V
• Low operating voltage: 2.0 ~ 3.6V (at 300kHz ~ 4MHz)
Chapter 1. GMS36XXX
Series
GMS36004
GMS36112
GMS36140
Program memory
1,024
1,024
1,024
Data memory
32
Ø 4
I/O ports
-
4
4
Input ports
4
4
4
Output ports
6 (D0~D5)
6 (D0~D5)
10 (D0~D9)
Package
16DIP/SOP
20DIP/SOP/SSOP
24Skinny DIP/SOP
32
Ø 4
32
Ø 4
Table 1-1 GMS36XXX series members



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com