Electronic Components Datasheet Search
  English  ▼

X  

GMS36112 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # GMS36112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36112 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button GMS36112 Datasheet HTML 13Page - Hynix Semiconductor GMS36112 Datasheet HTML 14Page - Hynix Semiconductor GMS36112 Datasheet HTML 15Page - Hynix Semiconductor GMS36112 Datasheet HTML 16Page - Hynix Semiconductor GMS36112 Datasheet HTML 17Page - Hynix Semiconductor GMS36112 Datasheet HTML 18Page - Hynix Semiconductor GMS36112 Datasheet HTML 19Page - Hynix Semiconductor GMS36112 Datasheet HTML 20Page - Hynix Semiconductor GMS36112 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
2-1
2. GMS37XXX
Description
The GMS37XXX series are remote control transmitter which uses CMOS technology.
This enables transmission code outputs of different configurations, multiple custom code
output, and double push key output for easy fabrication.
The GMS37XXX series are suitable for remote control of TV, VCR, FANS, Air-
conditioners, Audio Equipment, Toys, Games etc.
It is possible to structure the 8 x 7 key matrix for GMS37112, and the 4 x 7 key matrix
for GMS37004.
Features
• Program memory
: 1,024 bytes for GMS37004/112/140
• Data memory : 32 Ø 4 bits
• 43 types of instruction set
• 3 levels of subroutine nesting
• Operating frequency : 300kHz ~ 1MHz at kHz version
2.4MHz ~ 4MHz at MHz version
• Instruction cycle :
f
OSC/6 at kHz version
f
OSC/48 at MHz version
• CMOS process (Single 3.0V power supply)
• Stop mode (Through internal instruction)
• Released stop mode by key input (Masked option)
• Built in Power-on Reset circuit
• Built in Low Voltage Detection circuit
• Built in capacitor for ceramic oscillation circuit at kHZ version
• Built in a watch dog timer (WDT)
• Low operating voltage: 2.0 ~ 3.6V (at 300kHz ~ 4MHz)
Chapter 2. GMS37XXX
Table 2-1 GMS37XXX series members
Series
GMS37004
GMS37112
GMS37140
Program memory
1,024
1,024
1,024
Data memory
32
Ø 4
I/O ports
-
4
4
Input ports
4
4
4
Output ports
7 (D0~D6)
7 (D0~D6)
10 (D0~D9)
Package
16DIP/SOP
20DIP/SOP/SSOP
24Skinny DIP/SOP
32
Ø 4
32
Ø 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com