Electronic Components Datasheet Search
  English  ▼

X  

GMS36112 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS36112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36112 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS36112 Datasheet HTML 31Page - Hynix Semiconductor GMS36112 Datasheet HTML 32Page - Hynix Semiconductor GMS36112 Datasheet HTML 33Page - Hynix Semiconductor GMS36112 Datasheet HTML 34Page - Hynix Semiconductor GMS36112 Datasheet HTML 35Page - Hynix Semiconductor GMS36112 Datasheet HTML 36Page - Hynix Semiconductor GMS36112 Datasheet HTML 37Page - Hynix Semiconductor GMS36112 Datasheet HTML 38Page - Hynix Semiconductor GMS36112 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
4-2
ROM Address Register
The following registers are used to address the ROM.
• Page address register (PA) :
Holds ROM's page number (0 ~ Fh) to be addressed.
• Page buffer register (PB) :
Value of PB is loaded by an LPBI command when newly addressing a page.
Then it is shifted into the PA when rightly executing a branch instruction (BR)
and a subroutine call (CAL).
• Program counter (PC) :
Available for addressing word on each page.
• Stack register (SR) :
Stores returned-word address in the subroutine call mode.
(1) Page address register and page buffer register :
Address one of pages #0 to #15 in the ROM by the 4-bit binary counter.
Unlike the program counter, the page address register is usually unchanged so
that the program will repeat on the same page unless a page changing command
is issued. To change the page address, take two steps such as (1) writing in the
page buffer what page to jump (execution of LPBI) and (2) execution of BR or CAL,
because instruction code is of eight bits so that page and word can not be specified
at the same time.
In case a return instruction (RTN) is executed within the subroutine that has been
called in the other page, the page address will be changed at the same time.
(2) Program counter :
This 6-bit binary counter increments for each fetch to address a word in the
currently addressed page having an instruction to be next executed.
For easier programming, at turning on the power, the program counter is
reset to the zero location. The PA is also set to "0". Then the program
counter specifies the next ROM address in random sequence.
When BR, CAL or RTN instructions are decoded, the switches on each step
are turned off not to update the address. Then, for BR or CAL, address
data are taken in from the instruction operands (a
0 to a5), or for RTN, and
address is fetched from stack register No. 1.
(3) Stack register :
This stack register provides two stages each for the program counter (6bits)
and the page address register (4bits) so that subroutine nesting can be
made on two levels.
Chapter 4. FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com