Electronic Components Datasheet Search
  English  ▼

X  

HMS81032E Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button HMS81032E Datasheet HTML 31Page - Hynix Semiconductor HMS81032E Datasheet HTML 32Page - Hynix Semiconductor HMS81032E Datasheet HTML 33Page - Hynix Semiconductor HMS81032E Datasheet HTML 34Page - Hynix Semiconductor HMS81032E Datasheet HTML 35Page - Hynix Semiconductor HMS81032E Datasheet HTML 36Page - Hynix Semiconductor HMS81032E Datasheet HTML 37Page - Hynix Semiconductor HMS81032E Datasheet HTML 38Page - Hynix Semiconductor HMS81032E Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
HMS81004E/08E/16E/24E/32E
32
JUNE 2001 Ver 1.00
pull-up is automatically disabled, if corresponding port is
selected as output.
9.3 R2 Port
R2 is an 8-bit CMOS bidirectional I/O port (address
0C4H). Each I/O pin can independently used as an input or
an output through the R2DD register (address 0C5H).
R2 has internal pujll-ups that is independently connected
or disconnected by R2PC (address 0FAH). The control reg-
isters for R2 are shown as below.
(1) R2 I/O Data Direction Register (R2DD)
R2 I/O Data Direction Register (R2DD) is 8-bit register,
and can assign input state or output state to each bit. If
R2DD is “1”, port R2 is in the output state, and if “0”, it is
in the input state. R2DD is write-only register. Since
R2DD is initialized as “00h” in reset state, the whole port
R2 becomes input state.
(2) R2 Data Register (R2)
R2 data register (R2) is 8-bit register to store data of port
R2. When set as the output state by R2DD, and data is writ-
ten in R2, data is outputted into R2 pin. When set as the in-
put state, input state of pin is read. The initial value of R2
is unknown in reset state.
(3) R2 Open drain Assign Register (R2ODC)
R2 Open Drain Assign Register (R2ODC) is 8bit register,
and can assign R2 port as open drain output port each bit,
if corresponding port is selected as output. If R2ODC is
selected as “1”, port R2 is open drain output, and if select-
ed as “0”, it is push-pull output. R2ODC is write-only reg-
ister and initialized as “00h” in reset state.
(4) R2 Pull-up Control Register (R2PC)
R2 Pull-up Control Register (R2PC) is 8-bit register and
can control pull-up on or off each bit, if corresponding port
is selected as input. If R2PC is selected as “1”, pull-up ia
disabled and if selected as ”0”, it is enabled. R2PC is write-
only register and initialized as “00h” in reset state. The
pull-up is automatically disabled, if corresponding port is
selected as output.
R2 Data Register (R/W)
R2
ADDRESS : 0C4H
RESET VALUE : Undefined
--
R24 R23 R22 R21 R20
Port Direction
R2 Direction Register (W)
R2DD
ADDRESS : 0C5H
RESET VALUE : 00H
0: Input
1: Output
Pull-up select
R2 Pull-up Control Register (W)
R2PC
ADDRESS :0FAH
RESET VALUE : 00H
1: Without pull-up
0: With pull-up
Open drain select
R2 Open drain Assign Register (W)
R2ODC
ADDRESS :0DFH
RESET VALUE : 00H
0: Push-pull
1: Open drain
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com