Electronic Components Datasheet Search
  English  ▼

X  

HMS81032E Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button HMS81032E Datasheet HTML 61Page - Hynix Semiconductor HMS81032E Datasheet HTML 62Page - Hynix Semiconductor HMS81032E Datasheet HTML 63Page - Hynix Semiconductor HMS81032E Datasheet HTML 64Page - Hynix Semiconductor HMS81032E Datasheet HTML 65Page - Hynix Semiconductor HMS81032E Datasheet HTML 66Page - Hynix Semiconductor HMS81032E Datasheet HTML 67Page - Hynix Semiconductor HMS81032E Datasheet HTML 68Page - Hynix Semiconductor HMS81032E Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
HMS81004E/08E/16E/24E/32E
62
JUNE 2001 Ver 1.00
16.3 Low Voltage Detection Mode
(1) Low voltage detection condition
An on board voltage comparator checks that VDD is at the
required level to ensure correct operation of the device. If
VDD is below a certain level, Low voltage detector forces
the device into low voltage detection mode.
(2) Low Voltage Detection Mode
There is no power consumption except stop current, stop
mode release function is disabled. All I/O port is config-
ured as input mode and Data memory is retained until volt-
age through external capacitor is worn out. In this mode,
all port can be selected with Pull-up resistor by Mask op-
tion. If there is no information on the Mask option sheet
,the default pull up option (all port connect to pull-up resis-
tor ) is selected.
(3) Release of Low Voltage Detection Mode
Reset signal result from new battery(normally 3V) wakes
the low voltage detection mode and come into normal reset
state. It depends on user whether to execute RAM clear
routine or not
Figure 16-4 Timing Diagram of Reset
MAIN PROGRAM
Oscillator
(XIN pin)
?
?
FFFE FFFF
Stabilization Time
RESET
ADDRESS
DATA
1
2
3
4
5
6
7
??
Start
?
?
?
FE
?
ADL
ADH
OP
BUS
BUS
RESET Process Step
ADL and ADH are start addresses of interrupt service routine as vector contents.
Figure 16-5 Low Voltage vs Temperature
1.55
1.60
1.65
1.70
1.75
1.80
1.85
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
LVD(V)
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com