Electronic Components Datasheet Search
  English  ▼

X  

HMS81032E Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button HMS81032E Datasheet HTML 37Page - Hynix Semiconductor HMS81032E Datasheet HTML 38Page - Hynix Semiconductor HMS81032E Datasheet HTML 39Page - Hynix Semiconductor HMS81032E Datasheet HTML 40Page - Hynix Semiconductor HMS81032E Datasheet HTML 41Page - Hynix Semiconductor HMS81032E Datasheet HTML 42Page - Hynix Semiconductor HMS81032E Datasheet HTML 43Page - Hynix Semiconductor HMS81032E Datasheet HTML 44Page - Hynix Semiconductor HMS81032E Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
HMS81004E/08E/16E/24E/32E
38
JUNE 2001 Ver 1.00
12. WATCH DOG TIMER
Watch Dog Timer (WDT) consists of 6-bit binary counter,
6-bit comparator, and Watch Dog Timer Register
(WDTR).Watch Dog Timer can be used 6-bit general Tim-
er or specific Watch dog timer by setting bit5 (WDTON)
of Clock Control Register (CKCTLR).By assigning
bit6(WDTCL) of WDTR, 6-bit counter can be cleared.
WDT Interrupt (IFWDT) interval is determined by the in-
terrupt IFBIT interval of Basic Interval Timer and the val-
ue of WDT Register.
-Interval of IFWDT = (IFBIT interval) * (WDTR value)
As IFBIT (Basic Interval Timer Interrupt Request) is used
for input clock of WDT, Input clock cycle is possible from
512 us to 65,536 us by BTS. (at fex = 4MHz)
*At Hardware reset time,WDT starts automatically.
Therefore the user must select the CKCTLR and WDTR
before WDT overflow.
-Reset WDTR value = 0Fh,=15
-Interval of WDT = 65,536 * 15 = 983040 us
(about 1second )
Note : W h en W D TR R e gi st e r va lu e i s 6 3 ( 3 F h )
(Caution) : Do not use “0” for WDTR Register value.
Device come into the reset state by WDT
Figure 12-1 Block diagram of Watch Dog Timer
IFWDT
WDT
INTERRUPT
WDTR (6-bit)
WDT (6-bit)
Comparator
WDT
BTCL
765
432
10
-
INITIAL VALUE: -0001111b
ADDRESS: 0C8H
WDTR
WDTCL
[0C8H]
WDTR5 WDTR4 WDTR3 WDTR2 WDTR1 WDTR0
Watch Dog Timer Operation
0:Free-run
1:Automatically cleared, after one machine cycle
IFBIT
WDTON
To Reset circuit
Clear 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com