Electronic Components Datasheet Search
  English  ▼

X  

HMS81032E Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMS81032E Datasheet HTML 1Page - Hynix Semiconductor HMS81032E Datasheet HTML 2Page - Hynix Semiconductor HMS81032E Datasheet HTML 3Page - Hynix Semiconductor HMS81032E Datasheet HTML 4Page - Hynix Semiconductor HMS81032E Datasheet HTML 5Page - Hynix Semiconductor HMS81032E Datasheet HTML 6Page - Hynix Semiconductor HMS81032E Datasheet HTML 7Page - Hynix Semiconductor HMS81032E Datasheet HTML 8Page - Hynix Semiconductor HMS81032E Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
1
HMS81004E/08E/16E/24E/32E
CMOS SINGLE- CHIP 8-BIT MICROCONTROLLER
FOR UNIVERSAL REMOTE CONTROLLER
1. OVERVIEW
1.1 Description
The HMS81004E/08E/16E/24E/32E is an advanced CMOS 8-bit microcontroller with 4/8/16/24/32K bytes of ROM. The
device is one of GMS800 family. The HYNIX HMS81004E/08E/16E/24E/32E is a powerful microcontroller which provides
a highly flexible and cost effective solution to many UR applications.The HMS81004E/08E/16E/24E/32E provides the fol-
lowing standard features: 4/8/16/24/32K bytes of ROM, 448 bytes of RAM, 8-bit timer/counter, on-chip oscillator and clock
circuitry. In addition, the HMS81004E/08E/16E/24E/32E supports power saving modes to reduce power consumption.
1.2 Features
• Instruction Cycle Time:
- 1us at 4MHz
• Programmable I/O pins
• Operating Voltage
- 2.0 ~ 3.6 V @ 4MHz (MASK)
- 2.0 ~ 4.0 V @ 4MHZ (OTP)
•Timer
- Timer / Counter
......... 16Bit * 1ch
......... 8Bit * 2ch
- Basic Interval Timer ...... 8Bit * 1ch
- Watch Dog Timer ............ 6Bit * 1ch
• 8 Interrupt sources
- Nested Interrupt control is available.
- External input: 2
- Keyscan input
- Basic Interval Timer
- Watchdog timer
- Timer : 3
• Power On Reset
• Power saving Operation Modes
- STOP Operation
- SLEEP Operation
• Low Voltage Detection Circuit
• Watch Dog Timer Auto Start (During 1second
after Power on Reset)
Device Name
ROM Size
EPROM Size
RAM Size
Package
HMS81004E
4K Bytes
-
448 Bytes
( included
256 bytes
stack memory )
20 SOP/PDIP
24 SOP/Skinny DIP
28 SOP/Skinny DIP
HMS81008E
8K Bytes
-
HMS81016E
16K Bytes
-
HMS81024E
24K Bytes
-
HMS81032E
32K Bytes
-
HMS81020TL
-
20K Bytes
HMS81032TL
-
32K Bytes
20 PIN
24 PIN
28 PIN
INPUT
3
3
3
OUTPUT
2
2
2
I/O
13
17
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com