Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT90CAN64
Description  Non volatile Program and Data Memories
PDF  428 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 67Page - ATMEL Corporation AT90CAN64 Datasheet HTML 68Page - ATMEL Corporation AT90CAN64 Datasheet HTML 69Page - ATMEL Corporation AT90CAN64 Datasheet HTML 70Page - ATMEL Corporation AT90CAN64 Datasheet HTML 71Page - ATMEL Corporation AT90CAN64 Datasheet HTML 72Page - ATMEL Corporation AT90CAN64 Datasheet HTML 73Page - ATMEL Corporation AT90CAN64 Datasheet HTML 74Page - ATMEL Corporation AT90CAN64 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 428 page
background image
71
7679H–CAN–08/08
AT90CAN32/64/128
above mentioned sleep modes, as the clamping in these sleep modes produces the requested
logic change.
9.2.6
Unconnected Pins
If some pins are unused, it is recommended to ensure that these pins have a defined level. Even
though most of the digital inputs are disabled in the deep sleep modes as described above, float-
ing inputs should be avoided to reduce current consumption in all other modes where the digital
inputs are enabled (Reset, Active mode and Idle mode). The simplest method to ensure a
defined level of an unused pin, is to enable the internal pull-up. In this case, the pull-up will be
disabled during reset. If low power consumption during reset is important, it is recommended to
use an external pull-up or pull-down. Connecting unused pins directly to VCC or GND is not rec-
ommended, since this may cause excessive currents if the pin is accidentally configured as an
output.
9.3
Alternate Port Functions
Most port pins have alternate functions in addition to being general digital I/Os. Figure 9-5 shows
how the port pin control signals from the simplified Figure 9-2 can be overridden by alternate
functions. The overriding signals may not be present in all port pins, but the figure serves as a
generic description applicable to all port pins in the AVR microcontroller family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com