Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90CAN64
Description  Non volatile Program and Data Memories
PDF  428 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 36Page - ATMEL Corporation AT90CAN64 Datasheet HTML 37Page - ATMEL Corporation AT90CAN64 Datasheet HTML 38Page - ATMEL Corporation AT90CAN64 Datasheet HTML 39Page - ATMEL Corporation AT90CAN64 Datasheet HTML 40Page - ATMEL Corporation AT90CAN64 Datasheet HTML 41Page - ATMEL Corporation AT90CAN64 Datasheet HTML 42Page - ATMEL Corporation AT90CAN64 Datasheet HTML 43Page - ATMEL Corporation AT90CAN64 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 428 page
background image
40
7679H–CAN–08/08
AT90CAN32/64/128
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
5.5
Low-frequency Crystal Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency crystal
Oscillator must be selected by setting the CKSEL Fuses to “0100”, “0101”, “0110”, or “0111”.
The crystal should be connected as shown in Figure 5-3.
Figure 5-3.
Low-frequency Crystal Oscillator Connections
12-22 pF capacitors may be necessary if the parasitic impedance (pads, wires & PCB) is very
low.
Table 5-4.
Start-up Times for the Oscillator Clock Selection
CKSEL0
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
Recommended Usage
0
00
258 CK(1)
14 CK + 4.1 ms
Ceramic resonator, fast
rising power
0
01
258 CK(1)
14 CK + 65 ms
Ceramic resonator, slowly
rising power
010
1K CK(2)
14 CK
Ceramic resonator, BOD
enabled
011
1K CK(2)
14 CK + 4.1 ms
Ceramic resonator, fast
rising power
100
1K CK(2)
14 CK + 65 ms
Ceramic resonator, slowly
rising power
1
01
16K CK
14 CK
Crystal Oscillator, BOD
enabled
1
10
16K CK
14 CK + 4.1 ms
Crystal Oscillator, fast
rising power
1
11
16K CK
14 CK + 65 ms
Crystal Oscillator, slowly
rising power
XTAL2
XTAL1
GND
12 - 22 pF
12 - 22 pF
32.768 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com