Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT90CAN64
Description  Non volatile Program and Data Memories
PDF  428 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 30Page - ATMEL Corporation AT90CAN64 Datasheet HTML 31Page - ATMEL Corporation AT90CAN64 Datasheet HTML 32Page - ATMEL Corporation AT90CAN64 Datasheet HTML 33Page - ATMEL Corporation AT90CAN64 Datasheet HTML 34Page - ATMEL Corporation AT90CAN64 Datasheet HTML 35Page - ATMEL Corporation AT90CAN64 Datasheet HTML 36Page - ATMEL Corporation AT90CAN64 Datasheet HTML 37Page - ATMEL Corporation AT90CAN64 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 428 page
background image
34
7679H–CAN–08/08
AT90CAN32/64/128
4.5.8
Using all Locations of External Memory Smaller than 64 KB
Since the external memory is mapped after the internal memory as shown in Figure 4-4, the
external memory is not addressed when addressing the first “ISRAM size” bytes of data space. It
may appear that the first “ISRAM size” bytes of the external memory are inaccessible (external
memory addresses 0x0000 to “ISRAM end”). However, when connecting an external memory
smaller than 64 KB, for example 32 KB, these locations are easily accessed simply by address-
ing from address 0x8000 to “ISRAM end + 0x8000”. Since the External Memory Address bit A15
is not connected to the external memory, addresses 0x8000 to “ISRAM end + 0x8000” will
appear as addresses 0x0000 to “ISRAM end” for the external memory. Addressing above
address “ISRAM end + 0x8000” is not recommended, since this will address an external mem-
ory location that is already accessed by another (lower) address. To the Application software,
the external 32 KB memory will appear as one linear 32 KB address space from “XMem start” to
“XMem start + 0x8000”. This is illustrated in Figure 4-10.
Figure 4-10. Address Map with 32 KB External Memory
Table 4-5.
Port C Pins Released as Normal Port Pins when the External Memory is Enabled
XMM2
XMM1
XMM0
# Bits for External Memory Address
Released Port Pins
0
0
0
8 (Full External Memory Space)
None
001
7
PC7
010
6
PC7 .. PC6
011
5
PC7 .. PC5
100
4
PC7 .. PC4
101
3
PC7 .. PC3
110
2
PC7 .. PC2
1
1
1
No Address high bits
Full Port C
(Unused)
Internal Memory
0x0000
XMem start
ISRAM end
0xFFFF
AVR Memory Map
External Memory
0x8000
0x7FFF
XMem start + 0x8000
ISRAM end + 0x8000
External 32K SRAM (Size=0x8000)
0x7FFF
0x0000
XMem start
ISRAM end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com