Electronic Components Datasheet Search
  English  ▼

X  

STAC9704 Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 11Page - Hynix Semiconductor STAC9704 Datasheet HTML 12Page - Hynix Semiconductor STAC9704 Datasheet HTML 13Page - Hynix Semiconductor STAC9704 Datasheet HTML 14Page - Hynix Semiconductor STAC9704 Datasheet HTML 15Page - Hynix Semiconductor STAC9704 Datasheet HTML 16Page - Hynix Semiconductor STAC9704 Datasheet HTML 17Page - Hynix Semiconductor STAC9704 Datasheet HTML 18Page - Hynix Semiconductor STAC9704 Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
15
10/02/98
Figure 7: Start of an Audio Output Frame
SYNC
BIT_CLK
SDATA_OUT
STAC9701 samples first SDATA_OUT bit of frame here
STAC9701 samples SYNC assertion here
valid
Frame
slot1
slot2
End of previous audio frame
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slots’ bit positions
stuffed with 0’s by the AC’97 controller When mono audio sample streams are sent from the AC’97
controller, it is necessary that BOTH left and right sample stream time slots be filled with the same
data.
3.1.1.1 Slot 1: Command Address Port
The command port is used to control features, and monitor status (see Audio Input Frame
Slots 1 and 2) of the STAC9704/7 functions including, but not limited to, mixer settings, and
power management (refer to the control register section of this specification).
The control interface architecture supports up to 64 16-bit read/write registers, addressable on
even byte boundaries. Only the even registers (00h, 02h, etc.) are valid.
Audio output frame slot 1 communicates control register address, and write/read command
information to the STAC9704/7.
Command Address Port bit assignments:
Bit (19)
Read/Write command (1= read, 0=write)
Bit (18:12) Control Register Index (64 16-bit locations, addressed on even byte boundaries)
Bit (11:0)
Reserved (Stuffed with 0's)
The first bit (MSB) sampled by STAC9704/7 indicates whether the current control
transaction is a read or a write operation. The following 7 bit positions communicate the
targeted control register address. The trailing 12 bit positions within the slot are reserved and
must he stuffed with 0's by the AC'97 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com