Electronic Components Datasheet Search
  English  ▼

X  

STAC9704 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 16Page - Hynix Semiconductor STAC9704 Datasheet HTML 17Page - Hynix Semiconductor STAC9704 Datasheet HTML 18Page - Hynix Semiconductor STAC9704 Datasheet HTML 19Page - Hynix Semiconductor STAC9704 Datasheet HTML 20Page - Hynix Semiconductor STAC9704 Datasheet HTML 21Page - Hynix Semiconductor STAC9704 Datasheet HTML 22Page - Hynix Semiconductor STAC9704 Datasheet HTML 23Page - Hynix Semiconductor STAC9704 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
20
10/02/98
Figure 10. STAC9704/7 Powerdown Timing
SYNC
BIT_CLK
SDATA_OUT
per frame
SDATA_IN
slot2
TAG
Write to
Data
slot2
TAG
per frame
0x20
PR4
Note: BIT_CLK not to scale
BIT_CLK and SDATA_IN are transitioned low immediately (within the maximum specified time) following
the decode of the write to the Powerdown Register (26h) with PR4. When the AC’97 controller driver is at
the point where it is ready to program the AC-link into its low power mode, slots (1 and 2) are assumed to
be the only valid stream in the audio output frame (all sources of audio input have been neutralized).
The AC’97 controller should also drive SYNC, and SDATA_OUT low after programming the STAC9704/7
to this low power mode.
3.2.1 Waking up the AC-link
Once the STAC9704/7 has halted BIT_CLK, there are only two ways to “wake up” the AC-link. Both
methods must be activated by the AC’97 controller. The AC-link protocol provides for a “Cold AC’97
Reset”, and a “Warm AC’97 Reset”. The current power down state would ultimately dictate which
form of reset is appropriate.
Unless a “cold” or “register” reset (a write to the Reset register) is
performed, wherein the AC’97 registers are initialized to their default values, registers will keep their
current state during all power down modes.
Once powered down, re-activation of the AC-link via re-assertion of the SYNC signal must not occur
for a minimum of 4 audio frame times following the frame in which the power down was triggered.
When AC-link powers up it indicates readiness via the Codec Ready bit (input slot 0, bit 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com