Electronic Components Datasheet Search
  English  ▼

X  

AV9110 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9110 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9110 Datasheet HTML 1Page - Integrated Circuit Systems AV9110 Datasheet HTML 2Page - Integrated Circuit Systems AV9110 Datasheet HTML 3Page - Integrated Circuit Systems AV9110 Datasheet HTML 4Page - Integrated Circuit Systems AV9110 Datasheet HTML 5Page - Integrated Circuit Systems AV9110 Datasheet HTML 6Page - Integrated Circuit Systems AV9110 Datasheet HTML 7Page - Integrated Circuit Systems AV9110 Datasheet HTML 8Page - Integrated Circuit Systems AV9110 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AV9110
Serial Programming
The AV9110 is programmed to generate clock frequencies by
entering data through the shift register. Figure 1 displays the
proper timing sequence. On the negative going edge of CE#,
the shift register is enabled and the data at the DATA pin is
loaded into the shift register on the rising edge of the SCLK.
Bit D0 is loaded first, followed by D1, D2, etc. This data
consists of the 24 bits shown in the Shift Register Bit
Assignment in Table 1, and therefore takes 24 clock cycles to
load. An internal counter then disables the input and transfers
the data to internal latches on the rising edge of the 24th
cycle of the SCLK. Any data entered after the 24th cycle is
ignored until CE# must remain low for a minimum of 24 SLCK
clock cycles. If CE# is taken high before 24 clock cycles have
elapsed, the data is ignored (no frequency change occurs)
and the counter is reset. Tables 1 and 2 display the bit location
for generating the output clock frequency and the output
divider circuitry, respectively.
T
I
BT
N
E
M
N
G
I
S
S
A
N
O
I
T
A
U
Q
E
E
L
B
A
I
R
A
V
T
L
U
A
F
E
D
T
I
B
1
0
-2
0
-
0)
B
S
L
(
r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
N
r
e
g
e
t
n
I
M
r
e
g
e
t
n
I
11
0
1r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
111
2r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
11
2
3r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
11
3
4r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
11
4
5r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
11
5
6)
B
S
M
(
r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
O
C
V
11
6
7)
B
S
L
(
r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
00
7
8r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
11
8
9r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
00
9
0
1r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
00
0
1
1
1r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
11
1
1
2
1r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
00
2
1
3
1)
B
S
M
(
r
e
d
i
v
i
d
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
00
3
1
4
1
V
8
y
b
e
d
i
v
i
d
=
1
,
1
y
b
e
d
i
v
i
d
=
0
(
e
d
i
v
i
d
e
l
a
c
s
-
e
r
p
O
C
V
00
4
1
5
1
)
2
e
l
b
a
T
e
e
s
(
0
D
O
C
e
d
i
v
i
d
t
u
p
t
u
o
X
/
K
L
C
X
01
5
1
6
1
)
2
e
l
b
a
T
e
e
s
(
1
D
O
C
e
d
i
v
i
d
t
u
p
t
u
o
X
/
K
L
C
10
6
1
7
1
)
3
e
l
b
a
T
e
e
s
(
0
D
O
V
e
d
i
v
i
d
t
u
p
t
u
o
O
C
V
R
00
7
1
8
1
)
3
e
l
b
a
T
e
e
s
(
1
D
O
V
e
d
i
v
i
d
t
u
p
t
u
o
O
C
V
11
8
1
9
1
)
e
t
a
t
s
i
r
t
=
0
(
K
L
C
e
l
b
a
n
e
t
u
l
p
t
u
O
11
9
1
0
2
)
e
t
a
t
s
i
r
t
=
0
(
X
/
K
L
C
e
l
b
a
n
e
t
u
p
t
u
O
11
0
2
1
2)
1
(
h
g
i
h
d
e
m
m
m
a
r
g
o
r
p
e
b
d
l
u
o
h
S
.
d
e
v
r
e
s
e
R
11
1
2
2
2)
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
=
1
(
K
L
C
n
o
t
c
e
l
e
s
k
c
o
l
c
e
c
n
e
r
e
f
e
R
00
2
2
3
2)
1
(
h
g
i
h
d
e
m
m
a
r
g
o
r
p
e
b
d
l
u
o
h
S
.
d
e
v
r
e
s
e
R
11
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com