Electronic Components Datasheet Search
  English  ▼

X  

AV9110 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9110 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  AV9110 Datasheet HTML 1Page - Integrated Circuit Systems AV9110 Datasheet HTML 2Page - Integrated Circuit Systems AV9110 Datasheet HTML 3Page - Integrated Circuit Systems AV9110 Datasheet HTML 4Page - Integrated Circuit Systems AV9110 Datasheet HTML 5Page - Integrated Circuit Systems AV9110 Datasheet HTML 6Page - Integrated Circuit Systems AV9110 Datasheet HTML 7Page - Integrated Circuit Systems AV9110 Datasheet HTML 8Page - Integrated Circuit Systems AV9110 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
AV9110
Output Divider Turth Tables
1
D
O
C0
D
O
C
X
/
K
L
C
e
d
i
v
i
D
t
u
p
t
u
O
)
X
(
00
1
01
2
10
4
11
8
Table 2
1
D
O
C0
D
O
C
O
C
V
e
d
i
v
i
D
t
u
p
t
u
O
)
R
(
00
1
01
2
10
4
11
8
Table 3
Programming the PLL
The AV9110 has a wide operating range but it is recommended that it is operated within the following limits:
The AV9110 is a classical PLL circuit and the VCO output frequency is given by:
fVCO =
N•V• fREF
M
Where N = VCO divided, 3 to 127
M =m Reference divide, 3 to 127
V = Perscale, 1 or 8
The 2 output drivers then give the following frequencies:
fCLK =
fVCO
R
=
N•V• fREF
M•R
or fREF (output mixable by bit 17)
fCLK/X =
=
fVCLK
X
Where R, X = output dividers 1, 2, 4 or 8
fVCO
R•X
Notes:
1. Output frequency accuracy will depend solely on input reference frequency accuracy.
2. For output frequencies below 125 MHz, it is recommended that the VCO output divide, R, should be 2 or greater. This will
give improved duty cycle.
3. The minimum output frequency step size is approximately 0.2% due to the divider range provided.
f
<
z
H
M
2
F
E
R
z
H
M
2
3
<f
F
E
R
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
=
z
H
M
5
<
<
z
H
k
0
0
27
2
1
o
t
3
,
e
d
i
v
i
d
e
c
n
e
r
e
f
e
R
=
M
f
<
z
H
M
0
5
O
C
V
z
H
M
0
5
2
<f
O
C
V
y
c
n
e
u
q
e
r
f
t
u
p
t
u
o
O
C
V
=
f
O
C
V
z
H
M
0
5
2
<f
K
L
C
y
c
n
e
u
q
e
r
f
t
u
p
t
u
o
X
/
K
L
C
r
o
K
L
C
=
fREF
M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com