Electronic Components Datasheet Search
  English  ▼

X  

AV9110 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9110 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  AV9110 Datasheet HTML 1Page - Integrated Circuit Systems AV9110 Datasheet HTML 2Page - Integrated Circuit Systems AV9110 Datasheet HTML 3Page - Integrated Circuit Systems AV9110 Datasheet HTML 4Page - Integrated Circuit Systems AV9110 Datasheet HTML 5Page - Integrated Circuit Systems AV9110 Datasheet HTML 6Page - Integrated Circuit Systems AV9110 Datasheet HTML 7Page - Integrated Circuit Systems AV9110 Datasheet HTML 8Page - Integrated Circuit Systems AV9110 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
AV9110
Block Diagram
Serially Programmable Frequency Generator
9110 Rev F 5/30/00
•
Complete user programmability of output frequency
through serial input data port
•
On-chip Phase-Locked Loop for clock generation
•
Generates accurate frequencies up to 130 MHz
•
Tristate CMOS outputs
•
5 volt power supply
•
Low power CMOS technology
•
14-pin DIP or 150-mil SOIC
•
Very low jitter
•
Wide operating range VCO
The AV9110 generates user specified clock frequencies using
an externally generated input reference, such as 14.318 MHz
or 10.00 MHz crystal connected between pins 1 and 14.
Alternately, a TTL input reference clock signal can be used.
The output frequency is determined by a 24-bit digital word
entered through the serial port. The serial port enables the
user to change the output frequency on-the-fly.
The clock outputs utilize CMOS level output buffers that
operate up to 130 MHz.
Applications
Graphics: The AV9110 generates low jitter, high speed pixel
(or dot) clocks. It can be used to replace multiple expensive
high speed crystal oscillators. The flexibility of this device
allows it to generate nonstandard graphics clocks, allowing
the user to program frequencies on-the-fly.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - AV9110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-01CN14LF RENESAS-AV9110-01CN14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-01CS14LF RENESAS-AV9110-01CS14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-02CN14LF RENESAS-AV9110-02CN14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-02CS14LF RENESAS-AV9110-02CS14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results

Similar Description - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com