Electronic Components Datasheet Search
  English  ▼

X  

AV9110 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9110 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button AV9110 Datasheet HTML 2Page - Integrated Circuit Systems AV9110 Datasheet HTML 3Page - Integrated Circuit Systems AV9110 Datasheet HTML 4Page - Integrated Circuit Systems AV9110 Datasheet HTML 5Page - Integrated Circuit Systems AV9110 Datasheet HTML 6Page - Integrated Circuit Systems AV9110 Datasheet HTML 7Page - Integrated Circuit Systems AV9110 Datasheet HTML 8Page - Integrated Circuit Systems AV9110 Datasheet HTML 9Page - Integrated Circuit Systems AV9110 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
AV9110
AV9110 Quartz Crystal Selection
When an external quartz crystal will be used as a frequency
reference for the AV9110, attention needs to be given to
crystal selection if accurate reference frequency and output
frequency is desired. The AV9110 uses a Pierce oscillator
design which operates the quartz crystal in parallel-resonant
mode. It requires a quartz crystal cut for parallel-resonant
operation to ensure an accurate frequency of oscillation (a
less expensive series-reso-nant crystal can be used with the
device but it will oscillate approximately 0.1% too fast). The
AV9110-01 has internal crystal load capacitors which result
in a total crystal load capacitance of approximately
12pF±10%.The AV9110-02 does not have internal load
capacitors, but contributes about 3pFload capacitance to the
crystal.
Following is a list of recommended crystal devices for the
AV9110. They have been tested by the crystal manufacturer
to operate suitably with the AV91xx-series crystal oscillator
de-sign, having load capacitance characteristics that are
compatible with the AV9110-01.
Toyocom
Part Number
TN4-30374 ........ 14.318 MHz surface mount crystal
TN4-30375 ........ 20 MHz surface mount crystal
TN4-30376 ........ 14.318 MHz through-hole crystal
TN4-30377 ........ 20 MHz through-hole crystal
Epson
Part Number
MA-505 or ......... Surface mount crystal
MA-506
CA-301 .............. Through-hole crystal
Using AV9110-01 with a crystal
Using AV9110-01 with an external clock
Using AV9110-02 with a crystal
Using AV9110-02 with an external clock
Figure 2 - Clock Reference Combinations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com