Electronic Components Datasheet Search
  English  ▼

X  

ICS1572 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1572
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1572 Datasheet HTML 11Page - Integrated Circuit Systems ICS1572 Datasheet HTML 12Page - Integrated Circuit Systems ICS1572 Datasheet HTML 13Page - Integrated Circuit Systems ICS1572 Datasheet HTML 14Page - Integrated Circuit Systems ICS1572 Datasheet HTML 15Page - Integrated Circuit Systems ICS1572 Datasheet HTML 16Page - Integrated Circuit Systems ICS1572 Datasheet HTML 17Page - Integrated Circuit Systems ICS1572 Datasheet HTML 18Page - Integrated Circuit Systems ICS1572 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Output Circuitry
The dot clock signals CLK and CLK- are typically the highest
frequency signals present in the workstation. To minimize
problems with EMI, crosstalk, and capacitive loading extra
care should be taken in laying out this area of the PC board.
The ICS1572 is packaged in a 0.3”-wide 20-pin SOIC package.
This permits the clock generator, crystal, and related compo-
nents to be laid out in an area the size of a postage stamp. The
ICS1572 should be placed as close as possible to the RAM-
DAC. The CLK and CLK- pins are running at VHF frequen-
cies; one should minimize the length of PCB trace connecting
them to the RAMDAC so that they don’t become radiators of
RF energy.
At the frequencies that the ICS1572 is capable of, PC board
traces may be long enough to be a significant portion of a
wavelength of that frequency. PC traces for CLK and CLK-
should be treated as transmission lines, not just interconnecting
wires. These lines can take two forms: microstrip and stripline.
A microstrip line is shown below:
Essentially, the microstrip is a copper trace on a PCB over a
ground plane. Typically, the dielectric is G10 glass epoxy. It
differs from a standard PCB trace in that its width is calculated
to have a characteristic impedance. To calculate the charac-
teristic impedance of a microstrip line one must know the width
and thickness of the trace, and the thickness and dielectric
constant of the dielectric. For G10 glass epoxy, the dielectric
constant (er) is about 5. Propagation delay is strictly a function
of dielectric constant. For G10 propagation, delay is calculated
to be 1.77 ns/ft.
Stripline is the other form a PCB transmission line can take. A
buried trace between ground planes (or between a power plane
and a ground plane) is common in multi-layer boards.
Attempting to create a workstation design without the use of
multi-layer boards would be adventurous to say the least, the
issue would more likely be whether to place the interconnect
on the surface or between layers. The between layer approach
would work better from an EMI standpoint, but would be more
difficult to lay out. A stripline is shown below:
Using 1oz. copper (0.0015” thick) and 0.040” thickness G10,
a 0.010” trace will exhibit a characteristic impedance of 75
in a stripline configuration.
Typically, RAMDACS require a Vih of VAA-1.0 Volts as a
guaranteed logical “1” and a Vil of VAA-1.6 as a guaranteed
logical “0.” Worst case input capacitance is 10 pF.
Output circuitry for the ICS1572 is shown in the following
diagram. It consists of a 4/1 current mirror, and two open drain
output FETs along with inverting buffers to alternately enable
each current-sinking driver. Both CLK and CLK- outputs are
connected to the respective CLOCK and CLOCK* inputs of
the RAMDAC with transmission lines and terminated in their
equivalent impedances by the Thevenin equivalent impedances
of R1 and R2 or R1’ and R2’.
ICS1572 Application Information
Output Circuit Considerations for the ICS1572
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com