Electronic Components Datasheet Search
  English  ▼

X  

ICS1572 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1572
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1572 Datasheet HTML 3Page - Integrated Circuit Systems ICS1572 Datasheet HTML 4Page - Integrated Circuit Systems ICS1572 Datasheet HTML 5Page - Integrated Circuit Systems ICS1572 Datasheet HTML 6Page - Integrated Circuit Systems ICS1572 Datasheet HTML 7Page - Integrated Circuit Systems ICS1572 Datasheet HTML 8Page - Integrated Circuit Systems ICS1572 Datasheet HTML 9Page - Integrated Circuit Systems ICS1572 Datasheet HTML 10Page - Integrated Circuit Systems ICS1572 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Register Mapping - ICS1572-101 (Parallel Programming Option)
NOTE: IT IS NOT NECESSARY TO UNDERSTAND THE FUNCTION OF THESE BITS TO USE THE ICS1572. PC SOFTWARE IS AVAILABLE
FROM ICS TO AUTOMATICALLY GENERATE ALL REGISTER VALUES BASED ON REQUIREMENTS. CONTACT FACTORY FOR DETAILS.
REG#
BIT(S)
BIT REF.
DESCRIPTION
0
0-3
R[0]..R[3]
Reference divider modulus control bits
1
0-2
R[4]..R[6]
Modulus = value + 1
2
0-3
A[0]..A[3]
Controls A counter. When set to zero, modulus=7. Otherwise,
modulus=7 for “value” underflows of the prescaler, and modulus=6
thereafter until M counter underflows.
3
0-3
M[0]..M[3]
M counter control bits
4
0-1
M[4]..M[5]
Modulus = value + 1
4
3
DBLFREQ
Doubles modulus of dual-modulus prescaler (from 6/7 to 12/14).
5
0-2
N1[0]..N1[2]
Sets N1 modulus according to this table. These bits are set to imple-
ment a divide-by-four on power-up.
6
0-3
N2[0]..N2[3]
Sets the modulus of the N2 divider. Modulus = value + 1
7
0-3
N2[4]..N2[7]
The input of the N2 divider is the output of the N1 divider in all clock
modes except AUXEN.
8
3
N2[8]
8
0-2
V[0]..V[1]
Sets the gain of the VCO.
N1[2]
N1[1]
N1[0]
RATIO
0003
0014
0104
0115
1006
1018
1108
111
10
V[2]
V[1]
V[0]
VCO GAIN
(MHz/VOLT)
10
0
30
10
1
45
11
0
60
11
1
80
ICS1572
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com