Electronic Components Datasheet Search
  English  ▼

X  

ICS1572 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1572
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1572 Datasheet HTML 1Page - Integrated Circuit Systems ICS1572 Datasheet HTML 2Page - Integrated Circuit Systems ICS1572 Datasheet HTML 3Page - Integrated Circuit Systems ICS1572 Datasheet HTML 4Page - Integrated Circuit Systems ICS1572 Datasheet HTML 5Page - Integrated Circuit Systems ICS1572 Datasheet HTML 6Page - Integrated Circuit Systems ICS1572 Datasheet HTML 7Page - Integrated Circuit Systems ICS1572 Datasheet HTML 8Page - Integrated Circuit Systems ICS1572 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Power-On Initialization
The ICS1572 has an internal power-on reset circuit that per-
forms the following functions:
1)
Sets the multiplexer to pass the reference frequency
to the CLK+ and CLK- outputs.
2)
Selects the modulus of the N1 divider (for the
LOAD clock) to be four.
These functions should allow initialization of most graphics
systems that cannot immediately provide for register program-
ming upon system power-up.
Because the power-on reset circuit is on the VDD supply, and
because that supply is filtered, care must be taken to allow the
reset to de-assert before programming. A safe guideline is to
allow 20 microseconds after the VDD supply reaches 4 volts.
Programming Notes
VCO Frequency Range: Use the post-divider to keep the
VCO frequency as high as possible within its operating
range.
Divider Range: For best results in normal situations (i.e.,
pixel clock generation for hi-res displays), keep the refer-
ence divider modulus as short as possible (for a frequency
at the output of the reference divider in the few hundred
kHz to several MHz range). If you need to go to a lower
phase comparator reference frequency (usually required
for increased frequency accuracy), that is acceptable, but
jitter performance will suffer somewhat.
VCO Gain Programming: Use the minimum gain which
can reliably achieve the VCO frequency desired, as shown
here:
VCO GAIN
MAX FREQUENCY
4
120 MHz
5
200 MHz
6
230 MHz
7*
* SPECIAL APPLICATION. Contact factory for custom product above
230 MHz.
Phase Detector Gain: For most graphics applications and
divider ranges, set P[1,0] = 10 and set P[2] = 1. Under
some circumstances, setting the P[2] bit “on” can reduce
jitter. During 1572 operation at exact multiples of the
crystal frequency, P[2] bit = 0 may provide the best jitter
performance.
Board Test Support
It is often desirable to statically control the levels of the output
pins for circuit board test. The ICS1572 supports this through
a register programmable mode, AUXEN. When this mode is
set, two register bits directly control the logic levels of the
CLK+/CLK- pins and the LOAD pin. This mode is activated
when the S[0] and S[1] bits are both set to logic 1. See Register
Mapping for details.
Power Supplies and Decoupling
The ICS1572 has two VSS pins to reduce the effects of package
inductance. Both pins are connected to the same potential on
the die (the ground bus). BOTH of these pins should connect
to the ground plane of the video board as close to the package
as is possible.
The ICS1572 has a VDDO pin which is the supply of +5 volt
power to all output drivers. This pin should be connected to the
power plane (or bus) using standard high-frequency decou-
pling practice. That is, capacitors should have low series induc-
tance and be mounted close to the ICS1572.
The VDD pin is the power supply pin for the PLL synthesizer
circuitry and other lower current digital functions. We recom-
mend that RC decoupling or zener regulation be provided for
this pin (as shown in the recommended application circuitry).
This will allow the PLL to “track” through power supply
fluctuations without visible effects. See Figure 7 for typical
external circuitry.
Figure 6
ICS1572
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com