Electronic Components Datasheet Search
  English  ▼

X  

ICS1572 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1572
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1572 Datasheet HTML 11Page - Integrated Circuit Systems ICS1572 Datasheet HTML 12Page - Integrated Circuit Systems ICS1572 Datasheet HTML 13Page - Integrated Circuit Systems ICS1572 Datasheet HTML 14Page - Integrated Circuit Systems ICS1572 Datasheet HTML 15Page - Integrated Circuit Systems ICS1572 Datasheet HTML 16Page - Integrated Circuit Systems ICS1572 Datasheet HTML 17Page - Integrated Circuit Systems ICS1572 Datasheet HTML 18Page - Integrated Circuit Systems ICS1572 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
The ICS1572 is incapable of sourcing current, so Vih must be
set by the ratios of these resistors for each of these lines. R1
and R2 are electrically in parallel from an AC standpoint
because Vdd is bypassed to ground through bypass-capacitor
network Cb. If we picked a target impedance of 75
Ω for our
transmission line impedance, a value of 91
Ω for R1 and R1’
and a value of 430
Ω for R2 and R2’ would yield a Thevinin
equivalent characteristic impedance of 75.1W and a Vih value
of VAA-.873 Volts, a margin of 0.127Volts. This may be
adequate; however, at higher frequencies one must contend
with the 10 pF input capacitance of the RAMDAC. Values of
82
Ω for R1 and R1’and 820Ω for R2 and R2’ would give us a
characteristic impedance of 74.5
Ω and a Vih value of VAA-.45.
With a .55 Volt margin on Vih, this voltage level might be safer.
To set a value for Vil, we must determine a value for Iprg that
will cause the output FET’s to sink an appropriate current. We
desire Vil to be VAA-1.6 or greater. VAA-2 would seem to be a
safe value. Setting up a sink current of 25 milliamperes would
guarantee this through our 82
Ω pull-up resistors. As this is
controlled by a 4/1 current mirror, 7 mA into Iprg should set this
current properly. A 510
Ω resistor from Vdd to Iprg should work
fine.
Resistors Rt and Rt’ are shown as series terminating resistors
at the ICS1572 end of the transmission lines. These are not
required for operation, but may be useful for meeting EMI
requirements. Their intent is to interact with the input capaci-
tance of the RAMDAC and the distributed capacitance of the
transmission line to soften up rise and fall times and conse-
quently cut some of the high-order harmonic content that is
more likely to radiate RF energy. In actual usage they would
most likely be 10 to 20
Ω resistors or possibly ferrite beads.
Cb is shown as multiple capacitors. Typically, a 22
µF tantalum
should be used with separate .1
µF and 220pf capacitors placed
as close to the pins as possible. This provides low series
inductance capacitors right at the source of high frequency
energy. Rd is used to isolate the circuitry from external sources
of noise. Five to ten ohms should be adequate.
Great care must be used when evaluating high frequency
circuits to achieve meaningful results. The 10 pf input capaci-
tance and long ground lead of an ordinary scope probe will
make any measurements made with it meaningless. A low
capacitance FET probe with a ground connection directly
connected to the shield at the tip will be required. A 1GHz
bandwidth scope will be barely adequate, try to find a faster
unit.
ICS1572 Application Note
ICS1572 Output Circuitry
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com