Electronic Components Datasheet Search
  English  ▼

X  

ICS9134-06 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9134-06
Description  32 kHz Motherboard Frequency Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9134-06 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9134-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Configuration
Pin Descriptions
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
CPUS2
I
Select 2 for 2XCPU and CPU frequencies. See Table above.
2
X2
O
Crystal connection. Connect to 32.768 kHz crystal. Includes internal
XTAL load capacitance.
3
X1
I
Crystal connection. Connect to 32.768 kHz crystal. This pin includes
internal XTAL load capacitance and feedback bias for a 32.768 kHz crystal.
4
VDD32
P
Separate power supply connection for 32.768 kHz clock. Will operate down to
2.0V, independent of the rest of the circuit VDD.
5
VDD
P
Connect to +3.3V or +5V.
6
GND
P
Connect to ground.
7
24M
O
24 MHz floppy (or super I/O) clock output.
8
32K
O
32.768 kHz square wave clock output.
9
KBOUT
O
Keyboard clock output, fixed 16 MHz (-06) or 12 MHz (-07).
10
PD24+KBD
I
Power-down 24M+keyboard. Shuts off both clock outputs, pins 7 & 9 when
low.
11
14.3M
O
14.318 MHz system clock output.
12
GND
P
Connect to ground.
13
VDD
P
Connect to +3.3V or +5V.
14
CPUCLK
O
CPUCLK output. See Table above.
15
CPUS0
I
Select 0 for 2XCPU and CPU frequencies. See Table above.
16
CPUS1
I
Select 1 for 2XCPU and CPU frequencies. See Table above.
CPUS2
1
16
CPUS1
X2
2
15
CPUS0
X1
3
14
CPUCLK
VDD32
4
13
VDD
VDD
5
12
GND
GND
6
11
14.3M
24M
7
10
PD24+KDB
32K
8
9
KBOUT
16-Pin SOIC
Decoding Table for CPU Clock
CPUS2
CPUS1
CPUS0
CPUCLK (MHz)
0
0
0
Off+14M off
0
0
1
80.00
0
1
0
25.00
0
1
1
66.66
1
0
0
20.00
1
0
1
50.00
1
1
0
33.33
11
1
4.00
ICS9134 Option
KEYBOARD CLOCK
-06
-07
KBOUT
16 MHz
12 MHz
ICS9134-06
ICS9134-07
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com