Electronic Components Datasheet Search
  English  ▼

X  

ICS9134-06 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9134-06
Description  32 kHz Motherboard Frequency Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9134-06 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9134-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics
VDD = +5V
±10%, TA=0°C to 70°C unless otherwise stated
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.8
V
Input High Voltage
VIH
2-
-
V
Input Low Current
IIL
VIN=0V
-22
-10
-
µA
Input High Current
IIH
VIN=VDD
-2
-
2
µA
Output Low Voltage1
VOL
IOL=10mA
-
0.15
0.4
V
Output High Voltage1
VOH
IOH=-30mA
2.4
3.7
-
V
Output Low Current1
IOL
VOL=0.8V
25
45
-
mA
Output High Current1
IOH
VOH=2.0V
-
-58
-35
mA
Supply Current
IDD
No load @ 33 MHz
15
28
mA
Supply Current
IDD
No load @ 80 MHz
-
22
35
mA
VDD32 Supply Current
IDD32
No load, VDD32=5.5V
-
7.5
20
µA
VDD32 Supply Voltage
VDD32
VDD=0 to 5.5V, 32 kHz
output operating
2.0
-
-
V
Pull-up Resistor Value1
Rpu
380
550
680
k ohm
AC Characteristics
Rise Time1
tr
15pF load, 0.8 to 2.0V
-
1
1.5
ns
Fall Time1
tf
15pF load, 2.0 to 0.8V
-
1
1.5
ns
Rise Time1
tr
15pF load, 20% to 80%
-
2
3
ns
Fall Time1
tf
15pF load, 80% to 20%
-
2
3
ns
Duty Cycle1
dt
15pF load
48
52
58
%
Jitter, One Sigma1
tjis
As compared with
clock period.
-1
2
%
Jitter, Absolute1
tjab
-2
5
%
Input Frequency1
fi
25
32.768
40
kHz
Power-up Time1
tpu
Off to 80 MHz
-
7
14
ms
Transition Time1
tft
4 to 80 MHz
-
-
5
ms
Note:
1.
Parameter guaranteed by design and characterization. Not 100% tested in production.
ICS9134-06
ICS9134-07
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com