Electronic Components Datasheet Search
  English  ▼

X  

ICS9134-06 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9134-06
Description  32 kHz Motherboard Frequency Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9134-06 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9134-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0
°C to 70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40
°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics
VDD = +3.0 to 3.7V, TA=0
°C to 70°C unless otherwise stated
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V
-15
-7
-
µA
Input High Current
IIH
VIN=VDD
-2
-
2
µA
Output Low Voltage1
VOL
IOL=6mA
-
-
0.1
V
Output High Voltage1
VOH
IOH=-4mA
0.85VDD
0.9VDD
-V
Output Low Current1
IOL
VOL=0.2VDD
15
24
-
mA
Output High Current1
IOH
VOH=0.7VDD
-
-13
-8
mA
Supply Current
IDD
No load @ 33 MHz
-
9
17
mA
Supply Current
IDD
No load @ 66.6 MHz
-
12
24
mA
VDD32 Supply Current
IDD32
No load, VDD32=3.7V
-
4.6
12
µA
VDD32 Supply Voltage
VDD32
VDD=0 to 3.7V, 32 kHz
output operating
2.0
-
-
V
Pull-up Resistor Value1
Rpu
370
530
650
k ohm
AC Characteristics
Rise Time1
tr
15pF load, 0.8 to 2.0V
-
1.5
2
ns
Fall Time1
tf
15pF load, 2.0 to 0.8V
-
1.5
2
ns
Rise Time1
tr
15pF load, 20% to 80%
2
2.5
3.5
ns
Fall Time1
tf
15pF load, 80% to 20%
2
2.5
3.5
ns
Duty Cycle1
dt
15pF load
40
50
55
%
Jitter, One Sigma1
tjis
As compared with
clock period.
-1
2
%
Jitter, Absolute1
tjab
-2
5.5
%
Input Frequency1
fi
25
32.768
40
kHz
Power-up Time1
tpu
Off to 33.3 MHz
-
4
8
ms
Transition Time1
tft
4 to 66.6 MHz
-
-
4.8
ms
Note:
1.
Parameter guaranteed by design and characterization. Not 100% tested in production.
ICS9134-06
ICS9134-07
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com