Electronic Components Datasheet Search
  English  ▼

X  

ICS9134-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9134-06
Description  32 kHz Motherboard Frequency Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9134-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9134-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9134-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9134-06 9134-07 RevC111695
Integrated
Circuit
Systems, Inc.
ICS9134-06
ICS9134-07
Advance Information
32 kHz Motherboard Frequency Generator
Block Diagram
VDD32
14.318 MHz
Peripheral
Clocks
CPUCLK
32.768 kHz
32.768 kHz
crystal
Reference
Clock
Clock
Generator
1
Clock
Generator
2
Clock
Generator
3
General Description
The ICS9134-06 and ICS9134-07 are designed to generate
clocks for all 286, 386, 486, Pentium and RISC-based mother-
boards, including laptops and notebook computers. The only
external components required are a 32.768 kHz crystal and
decoupling capacitors. The device generates the 14.318 MHz
system clock, eliminating the need for a 14.318 MHz crystal.
High performance applications may require high speed clock
termination components. The chip includes three independent
clock generators plus the 32.768 kHz reference clock to pro-
duce all necessary frequencies, including real time
clock/DRAM refresh, master clock, CPU clock, keyboard
clock, floppy disk controller clock, serial communications
clock and bus clocks. Different frequencies from clocks #2 can
be selected using the frequency select pins, but clock #1 will
be at 14.318 MHz for all standard versions.
VDD32 Supply
The ICS9134-06 and ICS9134-07 have a separate power sup-
ply for the 32.768 kHz oscillator circuitry. This allows the
32 kHz clock to run from a battery or other source while the
main power to the chip is disconnected. The VDD32 supply is
guaranteed to operate down to +2.0V, with the clock consuming
less than 10
µA at +3.3V with the main VDD at 0V.
The frequencies and power-down options in the ICS9134-06
and ICS9134-07 are mask programmable. Customer specific
masks can be made and prototypes delivered within 6-8 weeks
from receipt of order. Integrated Circuit Systems also offers
standard versions, such as that described in this data sheet.
Applications
Notebook/Palmtop Computers: The ICS9134-06
and
ICS9134-07 work with +3.3V and +5V and a single
32.768 kHz crystal, making it the ideal solution for generating
clocks in portables with minimum board space. The user can
save power by using this single part instead of oscillators or
other frequency generators. The ICS9134-06 and ICS9134-07
further reduce the current consumption by having the ability to
completely shut down the individual clocks when not in use, while
still maintaining the separately powered 32.768 kHz clock.
Features
•• IDD <10 µA when 32 kHz is running on VDD32
•• Single 32.768 kHz crystal generates all PC motherboard
clocks
•• 3 independent clock generators
•• Generates CPU clocks from 4.0 to 80 MHz
•• Up to 5 output clocks
•• Separate VDD for 32 kHz clock
•• Power-down options available
•• Operates from 3.3V or 5.0V supply
•• Operates up to 66 MHz at 3.3V
•• Supports OPTi 80C463/5 and Fir™
™ chipsets
•• 16-pin, 300-mil, SOIC package
Fir is a trademark of Picopower Corporation.


Similar Part No. - ICS9134-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
High Performance Communication Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Renesas Technology Corp
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results

Similar Description - ICS9134-06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9133X ICST-ICS9133X Datasheet
144Kb / 8P
32 kHz Motherboard Frequency Generator
Rev A 052897
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com