Electronic Components Datasheet Search
  English  ▼

X  

HTMS1x01 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # HTMS1x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1x01 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button HTMS1x01 Datasheet HTML 18Page - NXP Semiconductors HTMS1x01 Datasheet HTML 19Page - NXP Semiconductors HTMS1x01 Datasheet HTML 20Page - NXP Semiconductors HTMS1x01 Datasheet HTML 21Page - NXP Semiconductors HTMS1x01 Datasheet HTML 22Page - NXP Semiconductors HTMS1x01 Datasheet HTML 23Page - NXP Semiconductors HTMS1x01 Datasheet HTML 24Page - NXP Semiconductors HTMS1x01 Datasheet HTML 25Page - NXP Semiconductors HTMS1x01 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
22 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.4.2 Start of frame pattern
The HITAG µ transponder IC response - if not in ISO 11785 compliant mode - always
starts with a SOF pattern. The SOF is a Manchester encoded bit sequence of ’110’.
11.4.3 End of frame pattern
A specific EOF pattern is neither used nor specified for the HITAG µ transponder IC
response. An EOF is detected by the reader if there is no load modulation for more than
two data bit periods (TFd).
Fig 12. Start of fame pattern
001aaj832
TFd
TFd
TFd
load off
data "1"
data "1"
data "0"
load on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com