Electronic Components Datasheet Search
  English  ▼

X  

HTMS1x01 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # HTMS1x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1x01 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button HTMS1x01 Datasheet HTML 42Page - NXP Semiconductors HTMS1x01 Datasheet HTML 43Page - NXP Semiconductors HTMS1x01 Datasheet HTML 44Page - NXP Semiconductors HTMS1x01 Datasheet HTML 45Page - NXP Semiconductors HTMS1x01 Datasheet HTML 46Page - NXP Semiconductors HTMS1x01 Datasheet HTML 47Page - NXP Semiconductors HTMS1x01 Datasheet HTML 48Page - NXP Semiconductors HTMS1x01 Datasheet HTML 49Page - NXP Semiconductors HTMS1x01 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
46 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
17. Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in the Operating Conditions and Electrical
Characteristics section of this specification is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions should be taken to avoid applying values greater than the rated
maxima
18. Characteristics
[1]
Typical ratings are not guaranteed. Values are at 25
C.
[2]
Measured with an HP4285A LCR meter at 125 kHz/room temperature (25
C); V
IN1-IN2 = 0.5 V (RMS)
[3]
Integrated Resonance Capacitor: 210pF
3%
[4]
Integrated Resonance Capacitor: 280pF
5%
Table 47.
Limiting values[1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
55
+125
C
VESD
electrostatic discharge voltage
JEDEC JESD 22-A114-AB
Human Body Model
2-
kV
Ii(max)
maximum input current
IN1-IN2
20
mA
Tj
junction temperature
40
+85
C
Table 48.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper
operating frequency
100
125
150
kHz
VI
input voltage
IN1-IN2
456V
II
input current
IN1-IN2
-
-
10
mA
Ci
input capacitance
between IN1-IN2
HTMS1x01
[2][3]
203.7
210
216.3
pF
HTMS8x01
[2][4]
266
280
294
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com