Electronic Components Datasheet Search
  English  ▼

X  

HTMS1x01 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HTMS1x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1x01 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HTMS1x01 Datasheet HTML 6Page - NXP Semiconductors HTMS1x01 Datasheet HTML 7Page - NXP Semiconductors HTMS1x01 Datasheet HTML 8Page - NXP Semiconductors HTMS1x01 Datasheet HTML 9Page - NXP Semiconductors HTMS1x01 Datasheet HTML 10Page - NXP Semiconductors HTMS1x01 Datasheet HTML 11Page - NXP Semiconductors HTMS1x01 Datasheet HTML 12Page - NXP Semiconductors HTMS1x01 Datasheet HTML 13Page - NXP Semiconductors HTMS1x01 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
10 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
9.
Functional description
9.1 Memory organization
The EEPROM has a capacity of up to 1760 bit and is organized in blocks of 4 bytes each
(1 block = 32 bits). A block is the smallest access unit.
The HITAG µ transponder IC is available with different memory sizes as shown in Table 5
“Memory organization HITAG m (128-bit)”, Table 6 “Memory organization HITAG µ
Advanced (512 bit)” and Table 7 “Memory organization HITAG µ Advanced+ (1760 bit)”.
For permanent lock of blocks please refer to Section 14.9 “LOCK BLOCK”.
9.1.1 Memory organization HITAG
 transponder ICs
[1]
RO: Read without password, write with password
[2]
R/W: Read and write without password
Table 5.
Memory organization HITAG
 (128-bit)
Block address
Content
Password Access
FFh
User Config
FEh
PWD
03h
ISO 11784/ISO 11785 128 bit TTF data
bit3=0 R/W[2]
bit3=1 RO[1]
02h
01h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com