Electronic Components Datasheet Search
  English  ▼

X  

HTMS1x01 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # HTMS1x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1x01 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button HTMS1x01 Datasheet HTML 25Page - NXP Semiconductors HTMS1x01 Datasheet HTML 26Page - NXP Semiconductors HTMS1x01 Datasheet HTML 27Page - NXP Semiconductors HTMS1x01 Datasheet HTML 28Page - NXP Semiconductors HTMS1x01 Datasheet HTML 29Page - NXP Semiconductors HTMS1x01 Datasheet HTML 30Page - NXP Semiconductors HTMS1x01 Datasheet HTML 31Page - NXP Semiconductors HTMS1x01 Datasheet HTML 32Page - NXP Semiconductors HTMS1x01 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
29 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
13.4 Modes
13.4.1 ISO 11785 Mode
This mode is also named TTF (Transponder Talks First).
Every time a transponder IC is activated by the field it starts executing this mode. After
waiting the maximum listening window time (see Section 11.2) the transponder IC sends
continuously its TTF data (128-bit).
The TTF data stored in the memory will be not checked for ISO compliance, therefore
data will be sent as stored in the EEPROM.
Receiving a valid command or a switch command within the listening window sets the
transponder IC into RTF (Reader Talks First) mode.
13.4.2 RTF Mode
In this mode the transponder IC reacts only to RWD request commands as presented in
Section 14. A valid request consists of a command sent to the transponder IC being in
matching state (therefore see tables in Section 14 and transponder ICs state machine in
Section 13).
13.4.3 Anticollision
The RWD is the master of the communication with one or multiple transponder ICs. It
starts the anticollision sequence by issuing the inventory request (see Section 14.3).
Within the RWD command the NOS flag must be set to the desired setting (1 or 16 slots)
and add the mask length and the mask value after the command field.
The mask length n indicates the number of significant bits of the mask value. It can have
any value between 0 and 44 when 16 slots are used and any value between 0 and 48
when 1 slot is used.
The next two subsections summarize the actions done by the transponder IC during an
inventory round.
13.4.3.1
Anticollision with 1 slot
The transponder IC will receive one ore more inventory commands with NOS = '1'. Every
time the transponder ICs fractional or whole UID matches the mask value of RWD's
request it responses with remaining UID without mask value.
Transponder ICs responses are modulated by dual pattern data coding as described in
Section 11.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com