Electronic Components Datasheet Search
  English  ▼

X  

V5744S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Catalog No./Item
Description/Specifications
V518
External Elbow – For outside
V718
surfaces at right angles.
718 WH
V5700F
Flexible Section – For getting
around difficult angles. End
fittings and bulk conduit lengths
available. Maximum painted
length 3' [915mm] longer
lengths furnished unpainted,
consult factory for availability.
5701
Coupling – For joining and
supporting lengths of V500 or
700 Series raceway. One
coupling supplied with
each length.
V5703
Supporting Clip – For supporting
lengths of V500 or 700 Series
raceway at any point desired.
5709
Ground Clamp – Provides
additional grounding or to ground
remotely located devices. Attach
ground wire to screw as required by
NEC. Insert into V500 or 700
Series raceway before installing.
V5711LHA
Internal Twisted Elbows – For 90°
V5711RHA
twist with 90° turn including a flat
5711LHAWH
run on sidewall to a flat run on
5711RHAWH
ceiling or on door edge or window
trim. Break out crescent twistout in
cover to use with 700 Series.
V5715
Tee – For branches at right angles.
5715 WH
Break out crescent twistout in cover
to use with V700.
V5717A
Internal Pull Elbow – For inside
surfaces at right angles. Provides
more space to simplify wire pulling.
Break out crescent twistout in
corner to use with V700.
Catalog No./Item
Description/Specifications
V500
Raceway – .040" [1.0mm] steel.
Comes in 10 ft. [3.05mm] lengths,
one 5701 Coupling furnished
with each length. Five ft. [1.525m]
lengths available, order V500-5.
V700
Raceway – .040" [1.0mm] steel.
700 WH
Comes in 10 ft. [3.05mm] lengths,
one 5701 Coupling furnished with
each length. Five ft. [1.525m]
lengths available, order V700-5.
502
Bushing – Protects wires from
702
abrasion. Bushing slips into open
end of raceway where it enters
a fitting.
V504
Mounting Strap (1- or 2-Hole) –
V704
Convert to one-hole by breaking off
704WH
at score. Lanced tab holds strap in
place while fastening to surface.
V506
Connection Cover – To cover
V706
openings where lengths of V500
706 WH
or 700 Series, not squarely cut,
come together.
V511
90° Flat Elbow – For right angle
V711
turns on same surface.
711WH
V512
45° Flat Elbow – For diagonal 45°
V712
turns on same surface.
V517
Internal Elbow – For inside
V717
surfaces at right angles.
717WH
500 & &00 Series Raceway & Fittings Ordering Information
1 1/4"
[32mm]
3/4"
[19.1mm]
A
B
3/4"
[19.1mm]
2"
[51mm]
CAT. #
AB
V504
1 7/8" [47mm] 1/2" [12.7mm]
V704
1 7/8" [47mm] 5/8" [15.4mm]
2 3/4"
[70mm]
NOTE: Use #6 flat head screws with all fittings requiring screws except V504/V704, and V57200 Series; with V504/V704 use #8 pan head
screws; with V57200 Series use #8 flat head screws.
3/4"
[19.1mm]
17/32"
[13.5mm]
3/4"
[19.1mm]
21/32"
[16.7mm]
2 1/2"
[64mm]
18" [457mm] Overall
2"
[51mm]
2 1/2"
[64mm]
2 1/2"
[64mm]
2"
[51mm]
2 1/2"
[64mm]
7/8"
[22.2mm]
2 1/2"
[64mm]
2 1/2"
[64mm]
5 1/2"
[140mm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com