Electronic Components Datasheet Search
  English  ▼

X  

V5744S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Catalog No./Item
Description/Specifications
V5737*m
Extension Box/Open Base –
V5737A*m
For mounting on 3 1/4" [83mm],
V5739 A*m
4" [102mm] conduit boxes, or
5737WH*m
other recessed outlets. Cover takes
5737 AWH*m
devices with mounting screw
centers of 2 3/4", 3 1/2", or 4 1/16"
[70mm, 89mm, or 104mm]. Use as
a pull or junction box with V5736.
V5738*m
Fixture Box/Solid Base – For
V57378A*m
hanging fixtures. Cover takes
V5739*m
devices with mounting screw
5738WH*m
centers of 2 3/4", 3 1/2", or 4 1/16"
5738 AWH*m
[70mm, 89mm, or 104mm]. Base
has four holes for fixture studs;
five 1/2" trade size KOs and raised
section for no-bolt fixture-stud. Use
as a junction or pull box with V5736.
V5738AF
Fan Box/Solid Base – UL approved
5738 AFWHm
fixture box for ceiling fans. Cover
accepts fan brackets with 3.2"
[82mm] mounting centers.
Supports up to 50 lbs. Base has
six mounting holes and four 1/2"
trade size KOs. #10 mounting
screws provided.
Catalog No./Item
Description/Specifications
V5731m
Blank Cover – Use with V5733 to
convert into a pull or junction box.
Has 1/2" trade size KO in center.
V5733m*
Outlet Box – Designed for devices
with mounting screw centers of 1
15/32", 1 5/8", 1 22/32", or 1 27/32"
[37mm, 41mm, 60mm, or 45mm].
Accepts any device that mounts
on G or H type conduit fittings.
V5735m
Distribution Box – Each side
accepts three parallel raceway runs.
Base has 1/2" and 1" concentric
trade size KOs and a 1 13/16" x 2
7/8" trade size KO to mount on a
one-gang in-wall outlet box. Cover
takes devices with mounting screw
centers of 2 3/4", 3 1/2", and 4 1/16"
[70mm, 89mm, and 104mm], and
canopy fixtures 4 5/8" [118mm]
diameter or smaller. Used as a pull
or junction box with V5736.
V5736
Blank Cover – Use with V5735,
V5737, V5737A, V5738, V5738A,
V5739, or V5739A, or V2135
converting them to pull or junction
boxes and for hanging lightweight
pendant fixtures having 1/2"
[12.7mm] pipe stems, etc.
Has 1/2" trade size KO.
7
CAT. NO.
DIA. A.
V5737, WH
4 3/4" [121mm]
V5737A, WH 5 1/2" [140mm]
V5739A
6 3/8" [162mm]
A
1"
[25mm]
7/16"
[11.1mm]
4 3/8"
[35mm]
2 3/8"
[61mm]
Diameter
15/16"
[23.8mm]
3"
[76mm]
Diameter
1/4"
[6.4mm]
500 & 700 Series Raceway Round Fixture Boxes Ordering Information
4 3/4"
[121mm] sq.
1 3/8"
[121mm]
NOTE: Covers have double twistouts; Lower twistout for V500, and both twistouts for V700.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada. c
* These boxes are not designed to support ceiling fans. For fan applications, use V5738AF.
A
1"
[25mm]
1"
[25mm]
5 1/2"
[140mm]
CAT. NO.
DIA. A.
V5738, WH
4 3/4" [121mm]
V5738A, WH 5 1/2" [140mm]
V5739
6 3/8" [162mm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com