Electronic Components Datasheet Search
  English  ▼

X  

V5744S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Catalog No./Item
Description/Specifications
R5752 (Red)
Two-Gang Alarm Device Box –
V5752 (Ivory)
For surface mounting alarm
devices and safety signals designed
to fit 4" [102mm] square back
boxes. Cover has three raceway
twistouts on each side. Base
has 1/2" and 1" trade size
concentric and single-gang
box KOs.
R5753 (Red)
Two-Gang Extra Deep Alarm
V5753 (Ivory)
Device Box – For surface mounting
alarm devices and safety signals
designed to fit 4" [102mm] square
back boxes. Cover is 2 3/4"
[70mm] deep and has three
raceway twistouts on each side.
Base has 1/2" and 1" trade size
concentric and single-gang
box KOs.
V5760
Blank Extension Box – For
extending from existing flush
switch and receptacle boxes to
blank original outlet. Closed base
available, consult factory.
1 3/8"
[35mm]
4 11/16"
[120mm]
4 11/16"
[120mm]
4 5/8"
[118mm]
15/16"
[23.8mm]
2 7/8"
[73mm]
4 11/16"
[120mm]
2 3/4"
[70mm]
4 11/16"
[120mm]
Catalog No./Item
Description/Specifications
V5748S m
Shallow Switch and
5748 SWH m
Receptacle Box – For
duplex receptacles (shallow
type). Base has 1/2"
trade size KOs.
V5751
Flush-Type Extension
5751 WH
Adapter – For extensions
from existing flush wall
boxes. Larger gangs
available, consult factory.
V5751A
Deep Flush-Type
5751AWH
Extension Adapter –
For deep extensions from
existing flush wall boxes.
500 & 700 Series Raceway Device Boxes Ordering Information (continued)
NOTES: Covers on this page have double twistouts. Break out lower twistout for use with V500, and both twistouts for use with V700.
* V5744-2 and V5744S-2 Base and V5747-2 and V5748-2 Base have 1/2" and 1" concentric trade size KOs and a 1 13/16" x 2
7/8" [47mm x 73mm] rectangular KO to permit mounting on a one-gang in-wall outlet box.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada.c
†
Larger gangs available, consult factory.
4 5/8"
[118mm]
2 7/8"
[73mm]
15/16"
[23.8mm]
15/16"
[23.8mm]
L
W
1 3/4"
[44mm]
4 5/8"
[118mm]
2 7/8"
[73mm]
CAT NO.
LW
GANG #
V5751,WH
4 5/8" [118mm] 2 7/8" [73mm]
1
V5751-2, WH
4 3/4" [121mm] 4 3/4" [121mm]
2*
V5751-3
4 5/8" [118mm] 6 1/2" [165mm]
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com