Electronic Components Datasheet Search
  English  ▼

X  

V5744S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Catalog No./Item
Description/Specifications
V5744S m†
Deep Switch and Receptacle
5744 SWH m†
Box – For installing signal system
alarm wiring and communication
devices. Base has 1/2" trade size
and rectangular single-gang KOs.
V5745 m†
Combination Device Box –
5745WH m†
For connecting surface runs of 1/2"
[12.7mm] conduit, etc. Cover has
two raceway twistouts on one end
and three on opposite end; also two
1/2" trade size KOs and a raceway
twistout on each side. Base has two
1/2" trade size KOs.
V5747m†
Shallow Device Box – For standard
5747WH m†
shallow switches, receptacles,
communication devices, and single-
gang combination devices. Base has
two 1/2" trade size KOs.
V5748 m†
Device Box – For deep
5748WH m†
switches, receptacles and
communication devices.
Base has two 1/2"
trade size KOs.
Catalog No./Item
Description/Specifications
V57240m
15A, 125V Single Pole Switch
and Box – Accommodates other
standard single-gang switches in
place of furnished standard single
pole switch. Cover has twistouts
for V500 or V700 on each end.
Twistout on ends permits running
raceway close to interior trim.
Base has 1/2" trade size KOs.
V57242
Utility Box – For use as tee, cross,
pull box, junction box, blank box,
etc. Cover has 1/2" trade size
KO and twistouts for V500 and
V700 on each end and side. End
twistouts permit running raceway
close to interior trim. Base has
1/2" trade size KOs.
V57243Gm
15A, 125V Duplex Grounding
Receptacle (Nema 5-15R) and
Box – Accommodates other
standard 15A (NEMA 5-15R) or
20A (NEMA 5-20R) duplex devices
in place of furnished duplex
grounding receptacle. Cover has
twistouts for V500 and V700 on
each end and side. End twistouts
permit running raceway close
to interior trim. Base has
1/2" trade size KOs.
V5741 m
Device Box – For shallow type
5741WH m
switches (three-way, single, and
double pole) and receptacles,
(three-wire locking receptacles and
single-gang combination devices).
Base has 1/2" trade size KO.
End twistout permits running
raceway close to interior trim.
V5744 m†
Extra Deep Device Box –
5744WH m†
Designed for deep devices –
momentary contact, and remote
control switches, hospital signaling
system devices, and deep
communication devices. Base has
1/2" trade size KOs.
5
500 & 700 Series Raceway Device Boxes Ordering Information
2"
[51mm]
1 3/8"
[35mm]
4 1/8"
[105mm]
2"
[51mm]
2"
[51mm]
1 3/8"
[35mm]
4 1/8
[105mm]
1 3/8"
[35mm]
4 1/8"
[105mm]
4 5/8"
[118mm]
1 3/8"
[35mm]
2 13/16"
[72mm]
NOTES: Covers on this page have double twistouts. Break out lower twistout for use with V500, and both twistouts for use with V700.
* V5744-2 and V5744S-2 Base and V5747-2 and V5748-2 Base have 1/2" and 1" concentric trade size KOs and a 1 13/16" x 2
7/8" [47mm x 73mm] rectangular KO to permit mounting on a one-gang in-wall outlet box.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada.c
†
Larger gangs available, consult factory.
CAT NO.
LW
GANG #
V5744,WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
L
W
2 1/4"
[57mm]
L
W
2 3/4"
[70mm]
2 7/8"
[73mm]
4 5/8"
[118mm]
L
1 3/4"
[44mm]
1 3/8"
[35mm]
W
CAT NO.
LW
GANG #
V5744,WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
CAT NO.
LW
GANG #
V5747,WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5747-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5747-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
L
W
1 3/4"
[44mm]
CAT NO.
LW
GANG#
V5748,WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5748-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5748-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
V5748-4m
4 5/8" [118mm] 8 11/32" [212mm]
1
V5748-5m
4 3/4" [121mm] 10 5/32" [212mm]
2*
V5748-6m
4 5/8" [118mm] 11 31/32" [165mm]
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com