Electronic Components Datasheet Search
  English  ▼

X  

ICS9169AM-70 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9169AM-70
Description  Frequency Generator for Workstation Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169AM-70 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9169AM-70 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS9169A-70
B
2
S
FB
1
S
FB
0
S
F
t
e
g
r
a
T
z
H
M
l
a
u
t
c
A
z
H
M
F
E
R
z
H
M
000
4
24
28
1
3
.
4
1
00
1
8
47
0
.
8
48
1
3
.
4
1
01
0
0
12
0
.
0
18
1
3
.
4
1
01
1
0
25
0
.
0
28
1
3
.
4
1
10
0
0
49
0
.
0
48
1
3
.
4
1
10
1
0
51
1
.
0
58
1
3
.
4
1
11
0
0
64
1
.
0
68
1
3
.
4
1
111
0
88
1
.
0
88
1
3
.
4
1
A
2
S
FA
1
S
FA
0
S
F
t
e
g
r
a
T
z
H
M
l
a
u
t
c
A
z
H
M
F
E
R
z
H
M
000
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
00
1
2
/
F
E
R2
/
F
E
RF
E
R
01
0
0
37
0
.
0
38
1
3
.
4
1
01
1
3
.
3
37
2
.
3
38
1
3
.
4
1
10
0
0
51
1
.
0
58
1
3
.
4
1
10
1
5
59
8
.
4
58
1
3
.
4
1
11
0
0
64
1
.
0
68
1
3
.
4
1
111
6
.
6
63
6
.
6
68
1
3
.
4
1
SCSI outputs: SCSI(0:2)
(Assume divide by 2 from VCO)
PCI outputs: PCI (0:8)
(Assume divide by 2 from VCO)
VDD = 3.3±10%, TA = 0 to 70°C
Crystal = 14.31818MHz
Note: When FS(0:2)A is 000 or 001, the Tristate and
Test modes applies to all outputs for REF, PCI, and
SCSI outputs.
Note: 1. In Test mode, each PLL is bypassed. The clock
signal at X1 (externally driven clock or the
crystal) is applied to the divider circuits.
A
2
S
FA
1
S
FA
0
S
FI
C
PI
S
C
S
F
E
R
000
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
00
1
2
/
F
E
R
1
2
/
F
E
R
1
F
E
R
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com